Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE522 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE522
Description  36V Input Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE522 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE522 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE522
36V Input Linear Regulator
VER 1.1
2
Electrical Characteristics
Line Regulation
Absolute Maximum Ratings
Parameter
Value
Unit
Max Input Voltage
40
V
Max Output Current
150
mA
Operating Junction Temperature(Tj)
150
OC
Ambient Temperature(Ta)
-40
OC–85 OC
OC
Power Dissipation
TO-92
TO-220
SOT-89-3
0.5
1.0
0.5
W
Storage Temperature(Ts)
-40
OC–150 OC
OC
Lead Temperature & Time
260
OC,10s
OC
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com