Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE522 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE522
Description  36V Input Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE522 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE522 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE522
36V Input Linear Regulator
VER 1.1
4
Electrical Characteristics
(Test Conditions:Cin=0.33uF, Cout=0.1uF,TA=25℃, Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
36
V
Output Voltage
VOUT
1mA≤Iout≤40mA
7V≤Vin≤30V
4.85
5.0
5.15
V
Maximum Output
Current
IOUT(Max.)
Vin-Vout=1.5V
150
mA
Line Regulation
ΔV
OUT
7V≤Vin≤30V
0.2
0.3
mV
Load Regulation
ΔV
OUT
1mA≤Iout≤100mA
20
40
mV
Quiescent Current
Iq
VIN-Vout=1.25V
0.1
0.15
uA
ADJ version
10
20
Temperature
coefficient
Δ
V/ΔT
Vin=6.5V,
25℃
≤ Temp ≤85℃
±100
ppm
Over Temperature
Procetion
TSD
Vin=6.5V, Iout=1mA
150
Thermal Resistor
θJC
SOT89-3
20
℃/W
TO-92
10
TO-220
4.5
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com