Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE522 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE522
Description  36V Input Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE522 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE522 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE522
36V Input Linear Regulator
VER 1.1
3
Packaging Type
SOT-89-3
TO-92
TO-220
1
2
3
1
2
3
1
2
3
SOT-89-3(A)
SOT-89-3(B)
TO-92
TO-220
Description
1
2
2
1
GND
3
1
1
2
Vout
2
3
3
3
Vin
Ordering information
ACE522 XX XX + H
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
36
V
Operating Junction Temperature(Tj)
-20
+85
℃
AMA: SOT-89-3(A)
AMB: SOT-89-3(B)
EP : TO-92
ZM : TO-220
Output Voltage:3.3V / 5V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com