Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE522 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE522
Description  36V Input Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE522 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE522 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACE522
36V Input Linear Regulator
VER 1.1
5
Explanation
ACE522 is a series of low dropout voltage and low power consumption regulator. Its application circuit is
very simple, which only needs two outside capacitors.
We have to take heat dissipation into great consideration when voltage of input is high. Because in such
cases, the power dissipation consumed by ACE522 is very large. ACE522 uses SOT-89-3 package type
and its thermal resistance is about 20°C/W. And the copper area of application board can affect the total
thermal resistance. If copper area is 5cm*5cm (two sides), the resistance is about 30°C/W. So the total
thermal resistance is about 20°C/W + 30°C/W. We can decrease total thermal resistance by increasing
copper area in application board. When there is no good heat dissipation copper are in PCB, the total
thermal resistance will be as high as 120°C/W, then the power dissipation of ACE522 could allow on itself
is less than 1W. And furthermore, ACE522 will work at junction temperature higher than 125°C under
such condition and no lifetime is guaranteed.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com