Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE522 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE522
Description  36V Input Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE522 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE522 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE522 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE522
36V Input Linear Regulator
VER 1.1
1
Description
ACE522 is a three-terminal positive regulator with an output voltage of 5.0V and output current up to
150mA. The device features a typical output tolerance of ±3%. And its input voltage can stand a voltage
as high as 36V. ACE522 includes high accuracy voltage reference, error amplifier, TSD circuit and
output driver module.ACE522 offers thermal shut down functions to assure the stability of chip and power
system. ACE522 is available in SOT89-3, TO-92 and TO-220 power packages.
Features
Maximum output current up to 150mA
Output voltage tolerances of ±3% over the temperature range
Internal thermal over-temperature protection
High input voltage (up to 36V)
Low Power Consumption:100uA (Typ.)
No external components
Application
Battery Powered equipment
Communication equipment
Audio/Video equipment
Typical Application
Note:Input capacitor (C1=0.33uF) and Output capacitor (C2=0.1uF) are recommended in all application circuit. Tantalum
capacitor is recommended.


Similar Part No. - ACE522

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5227C ACE-ACE5227C Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
ACE5227CBNH ACE-ACE5227CBNH Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
ACE5227CHNH ACE-ACE5227CHNH Datasheet
558Kb / 9P
600mA Fast Response Linear Regulator
VER 1.1
More results

Similar Description - ACE522

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A49XX TI-TPS7A49XX_10 Datasheet
755Kb / 23P
36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
-36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
-36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9058 RICHTEK-RT9058 Datasheet
179Kb / 9P
36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
High Input Voltage Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
High Input Micropower Linear Regulator
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
300mA 36V Input Regulator
R1516X NISSHINBO-R1516X Datasheet
400Kb / 14P
150mA 36V Input LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com