Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4102E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4102E
Description  2.5A, 3MHz Switching Charger with Dynamic Power Path Management
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4102E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4102E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE4102E
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
2
Absolute Maximum Ratings
Parameter
Max
IN, BATT Voltage
-0.3V ~ 6V
All Other Pin Voltage
VIN-0.3V ~ VIN0.3V
SW,SYS,BATT to ground current
Internally limited
Operating Temperature Range
-40
OC ~85 OC
Storage Temperature Range
-55
OC ~150 OC
Thermal Resistance
θ
JA
50
OC/W
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.)
Packaging Type
QFN3x3-16
SYS
ISET2
IN
ISET1
SW
GND
SW
STAT
QFN3x3-16
Description
Function
1.15
SYS
System Voltage Pin. It is also the Switching regulator’s output pin. Connect and
inductor and capacitor to form the output filter
2
IN
Input pin. Can be connected to an AC adaptor or a USB charger output. Bypass with
a 10uF capacitor each to GND and PGND
3.4
SW
Switching node of the Switching Regulator. Connect a 1uH to 2.2uH inductor from
this pin to SYS
5
PGND
Power Ground. Bypass with a 10uF capacitor to IN with a shortest possible trace
6
ENB
Active Low Enable pin. Tie this pin low to enable the Charging, tie high to disable
Charging, while still keeping powerpath from BATT to SYS
7
NTC
Thermistor input
8.10
GND
Analog Ground Pin. Bypass with a 10uF capacitor to IN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com