Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4102E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4102E
Description  2.5A, 3MHz Switching Charger with Dynamic Power Path Management
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4102E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4102E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE4102E
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
3
9
STATS
Status pin for Charging status indications. An open drain device capable of driving
10mA current
11
ISET1
AC Fast Charge Current set pin for AC input. Connecting a Resistor between ISET1
to GND This sets the fast charge current value for AC adapter when
USB_DET is
low.
12
ISET2
USB Charge Current set pin for USB input. Connecting a Resistor between
ISET2
to GND This sets the charge current value for USB input when USB_DET is high.
13
USB_DET
Charge current selecting input. Pull this pin low if an AC adapter is connected and
select fast charging current to be set by ISET1. And set this pin high if a USB input is
connected and select USB charging current to be set by ISET2. It is default low.
14.16
BATT
Battery pin. Connect a Battery to this pin
Ordering information
ACE4102E XX XX + H
Electrical Characteristics
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25
OC )
Parameter
Conditions
Min
Typ
Max
Units
IN INPUT
INPUT Range
4.4
5.5
V
INPUT UVLO
Rising, Hys=500mV
4.35
V
INPUT Operating Current
Switcher Enable, Switching
5
uA
Switcher Enable, No Switching
70
uA
BATT to INPUT leakage Current
Input Floating
0
5
uA
DC-DC and SYS OUTPUT
VSYSMIN
ISYS=1A, Default
3.6
V
VSYSMAX
4.5
V
Load Regulation
40
mV/A
Line Regulation
VIN =4.75 to 5.25V
0.04
%/V
Switching Frequency
3
MHz
Max duty
100
%
HIGHSIDE MOS RDSON
ISW =500mA
100
m
Ω
LOWSIDE MOS RDSON
ISW =500mA
60
m
Ω
HIGHSIDE Current limit
3.5
A
CN: QFN3*3-16
Pb - free
Halogen - free
42 ------- 4.2V
43 ------- 4.35V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com