Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4102E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4102E
Description  2.5A, 3MHz Switching Charger with Dynamic Power Path Management
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4102E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4102E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE4102E
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
1
Description
ACE4102E is a switching Li-Ion battery charger with dynamic power-path control and input current
limiting. When a battery is connected, depending on the battery voltage, the DC-DC switching regulator
either pre-conditions, fast-charges the battery or just regulates a system voltage (VSYS) to a preset voltage.
It does not require an external sense resistor for current sensing.
The charging current is determined by
programming ISET1 or ISET2 pin, depending on the state of the USB_DET. If USB_DET is low, indicating
an valid AC adapter input is present, the charge current is set by ISET1; otherwise, it is set by ISET2.
When the battery voltage reaches the termination voltage i.e. 4.2V/4.35V, the charging path disconnects
SYS to BATT. The ACE4102E also includes a dynamic power path when the SYS load current exceeds
current limit of the DCDC regulator internally set, the SYS voltage falls below VBATT, ACE4102E turns on
the power-path to supplement the system load through the batter.
Features
• Switching Charger with Power Path Management
• Up to 95% DC-DC Efficiency
• 50mΩ Power Path MOSFET
• Up to 2.5A Max charging current
• Instant on with a dead Battery or no Battery
• No battery detection
• No External Sense resistor
• Programmable USB and AC IN Charging Current
Application
• Tablet, MID
• Smart Phone
• Power Bank
Typical Application
ACE4102E
2A Switching Charger with Dynamic Power Path


Similar Part No. - ACE4102E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4101 ACE-ACE4101 Datasheet
842Kb / 9P
Max. 1.6A Li-ion Switching Charger IC
VER 1.4
ACE4108 ACE-ACE4108 Datasheet
843Kb / 10P
Max.2A Li-ion Switching Charger IC
VER 1.1
More results

Similar Description - ACE4102E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9301 INTERSIL-ISL9301 Datasheet
195Kb / 12P
High Input Voltage Charger With Power Path Management
February 25, 2008
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Intersil Corporation
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
386Kb / 12P
High Input Voltage Charger With Power Path Management
September 21, 2011
logo
Renesas Technology Corp
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
ETA SOLUTIONS CO. LIMIT...
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA1918S ETA-ETA1918S Datasheet
185Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6002 ETA-ETA6002 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6005 ETA-ETA6005 Datasheet
186Kb / 1P
2.5A / 4.35V, 3MHz Switching Charger with Dynamic Power Path Management
ETA6102 ETA-ETA6102 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com