Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4102E Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE4102E
Description  2.5A, 3MHz Switching Charger with Dynamic Power Path Management
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4102E Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

  ACE4102E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ACE4102E
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
8
Packing Information
QFN3*3-16
NOTE: ALL DIMENSIONS REFER TO JEDEC STANDRAD MO-220 WEED-4.
Symbol
Dimensions in millimeters
Min.
Nom.
Max.
A
0.70
0.75
0.80
A1
-
0.02
0.05
A3
0.20REF
b
0.20
0.25
0.30
D
2.90
3.00
3.10
E
2.90
3.00
3.10
D2
1.55
1.65
1.75
E2
1.55
1.65
1.75
e
0.40
0.50
0.60
K
0.20
-
-
L
0.35
0.40
0.45
R
0.09
-
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com