Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4102E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE4102E
Description  2.5A, 3MHz Switching Charger with Dynamic Power Path Management
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4102E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE4102E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4102E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE4102E
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
4
SYS UVLO
Falling, Hys=200mV
2.25
V
Thermal Shutdown
Rising, Hys=30oC
160
OC
POWER PATH Management
BATT TO SYS RDSON
50
m
Ω
BATTERY CHARGER
Battery CV voltage
IBAT =0mA, default
4.16
4.2
4.24
V
4.307
4.35
4.393
Charger Restart Threshold
From DONE to FastCharge
-200
mV
Battery Pre-condition Voltage
VBAT Rising Hys=180mV
2.9
V
Pre-Condition Charge Current
100
mA
AC Fast Charge Current
RISET1
=500Ω, USB_DET= low
Icharge=1V*1000/RISET1
2
A
USB Charge Current
RISET2
=2KΩ, USB_DET= high
Icharge=1V*1000/RISET2
0.5
A
Pre-condition Timer
120
min
Fast-Charge Timer
120
min
THERMISTOR MONITOR
NTC Threshold, Cold
Charger Suspended
76.5
%VIN
NTC Threshold, Hot
Charger Suspended
35
%VIN
NTC Threshold Hysteresis
1.5
%VIN
NTC Disable Threshold
100
mV
NTC Input Leakage
0
uA
LOGIC INPUT, STATS
ENB Logic Input High
1.6
V
ENB Logic Input Low
0.3
V
STAT Output Low Voltage
ISTATS=10mA
0.2
V
Typical Characteristics
Efficiency Vs
ISYS Charger Disabled
ICharge Vs
VBATT
IPre-Charge Vs
VBATT
IOUT (A)
VBATT (V)
VBATT (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com