Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8985 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8985
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8985 Datasheet HTML 4Page - Mitel Networks Corporation MT8985 Datasheet HTML 5Page - Mitel Networks Corporation MT8985 Datasheet HTML 6Page - Mitel Networks Corporation MT8985 Datasheet HTML 7Page - Mitel Networks Corporation MT8985 Datasheet HTML 8Page - Mitel Networks Corporation MT8985 Datasheet HTML 9Page - Mitel Networks Corporation MT8985 Datasheet HTML 10Page - Mitel Networks Corporation MT8985 Datasheet HTML 11Page - Mitel Networks Corporation MT8985 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MT8985
2-52
Figure 7 - Typical Exchange, PBX or Multiplexer Configuration
S/U
Basic Rate Line Card
MT8930/31
MT8910
MT8972
ST-BUS
To other lines
Layers
2 & 3
Entity
MT8940/
MT8941
ROUTING
MATRIX
MT8985’s
MH89760/
MH89790
MT8920
µC
ST-BUS
ST-BUS
T1/E1
Link
To other lines
Primary Rate Card
C
P
U
During the microprocessor initialization routine, the
microprocessor should program the desired active
paths through the matrices, and put
all other
channels into the high impedance state. Care should
be taken that no two connected ST-BUS outputs
drive the bus simultaneously. When this process is
complete,
the
microprocessor
controlling
the
matrices can bring the ODE signal high to relinquish
high impedance state control to the CMHb0s.
Applications
Typical Exchange, PBX or Multiplexer
Figure 7 shows a typical implementation of line cards
being interconnected through a central routing matrix
that
can
scale
up
in
channel
capacity
to
accommodate different number of ports depending
on the application. In a configuration where the
switched services utilize concatenated or grouped
time slots to carry voice, data and video (channels of
128, 256 Kb/s, ISDN H0 and others), the central
routing matrix has to guarantee constant throughput
delay to maintain the sequence integrity between
input and output channels.
Figure 7 shows an
example where the MT8985 device guarantees data
integrity when data flows from the T1/E1 to the S/U
interface links and vice-versa. Modern technologies
available today such as Frame Relay network using
dedicated
fractional
T1
are
one
of
the
key
applications for the MT8985 device.
Low Latency Isochronous Network
In today's local working group environment, there is
an
increasing
demand
for
solutions
on
interconnection of desktop and telephone systems
so that mixed voice, data and video services can be
grouped together in a reliable network allowing the
deployment
of
multimedia
services.
Existing
multimedia applications require a network with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com