Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8985 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8985
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8985 Datasheet HTML 1Page - Mitel Networks Corporation MT8985 Datasheet HTML 2Page - Mitel Networks Corporation MT8985 Datasheet HTML 3Page - Mitel Networks Corporation MT8985 Datasheet HTML 4Page - Mitel Networks Corporation MT8985 Datasheet HTML 5Page - Mitel Networks Corporation MT8985 Datasheet HTML 6Page - Mitel Networks Corporation MT8985 Datasheet HTML 7Page - Mitel Networks Corporation MT8985 Datasheet HTML 8Page - Mitel Networks Corporation MT8985 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MT8985
2-49
Variable Delay mode
The delay in this mode is dependent only on the
combination of source and destination channels and
it is not dependent on the input and output streams.
The minimum delay achievable in the MT8985 device
is 3 time slots. In the MT8985 device, the information
that is to be output in the same channel position as
the information is input (position n), relative to frame
pulse, will be output in the following frame (channel
n, frame n+1). The same occurs if the input channel
has to be output in the two channels succeeding
(n+1
and
n+2)
the
channel
position
as
the
information is input.
The information switched to the third timeslot after
the input has entered the device (for instance, input
channel 0 to output channel 3 or input channel 30 to
output channel 1), is always output three channels
later.
Any switching configuration that provides three or
more timeslots between input and output channels,
will have a throughput delay equal to the difference
between the output and input channels; i.e., the
throughput delay will be less than one frame. Table 1
shows the possible delays for the MT8985 device in
Variable Delay mode:
Table 1
Constant Delay Mode
In this mode frame integrity is maintained in all
switching configurations by making use of a multiple
Data-Memory buffer technique where input channels
written in any of the buffers during frame N will be
read out during frame N+2. In the MT8985, the
minimum throughput delay achiev-able in Constant
Delay mode will be 32 time slots; for example, when
input time slot 32 (channel 31) is switched to output
time slot 1 (channel 0). Likewise, the maximum delay
is achieved when the first time slot in a frame
(channel 0) is switched to the last time slot in the
frame (channel 31), resulting in 94 time slots of
delay.
To summarize, any input time slot from input frame N
will be always switched to the destination time slot on
Input
Channel
Output
Channel
Throughput Delay
n
m=n, n+1 or
n+2
m-n + 32 timeslots
n
m>n+2
m-n time slots
n
m<n
32-(n-m) time slots
output frame N+2. In Constant Delay mode, the
device throughput delay is calculated according to
the following formula:
DELAY = [32 + (32 - IN) + (OUT - 1)];
(expressed in number of time slots)
Where:
IN is the number of the input time slot
(from 1 to 32).
OUT is the number of the output time slot
(from 1 to 32).
Microprocessor Port
The
MT8985
microprocessor
port
has
pin
compatibility with Mitel MT8980 Digital Switch device
providing a non-multiplexed bus architecture. The
parallel port consists of an 8 bit parallel data bus
(D0-D7), six address input lines (A0-A5) and four
control lines (CS, DS, R/W and DTA). This parallel
microport allows the access to the Control registers,
Connection Memory High, Connection Memory Low
and the Data Memory. All locations are read/written
except for the data memory which can be read only.
Accesses from the microport to the connection
memory and the data memory are multiplexed with
accesses from the input and output TDM ports. This
can cause variable Data Acknowledge delays (DTA).
In the MT8985 device, the DTA output provides a
maximum acknowledgement delay of 800 ns for
read/write operations in the Connection Memory.
However,
for
operations
in
the
Data
Memory
(Message Mode), the maximum acknowledgement
delay can be 1220 ns.
Figure 3 - Address Memory Map
Note: "x" Don’t care
Software Control
The address lines on the microprocessor interface
give access to the MT8985 internal registers and
memories. If the A5,A1,A0 address line inputs are
A5
A4
A3
A2
A1
A0
LOCATION
0
1
1
1
1
1
1
1
1
X
0
0
•
•
•
•
•
1
X
0
0
•
•
•
•
•
1
X
0
0
•
•
•
•
•
1
0
0
0
•
•
•
•
•
1
0
0
1
•
•
•
•
•
1
Control Register
Channel 0
Channel 1
•
•
•
•
•
Channel 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com