Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8985 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8985
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8985 Datasheet HTML 3Page - Mitel Networks Corporation MT8985 Datasheet HTML 4Page - Mitel Networks Corporation MT8985 Datasheet HTML 5Page - Mitel Networks Corporation MT8985 Datasheet HTML 6Page - Mitel Networks Corporation MT8985 Datasheet HTML 7Page - Mitel Networks Corporation MT8985 Datasheet HTML 8Page - Mitel Networks Corporation MT8985 Datasheet HTML 9Page - Mitel Networks Corporation MT8985 Datasheet HTML 10Page - Mitel Networks Corporation MT8985 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MT8985
2-51
Figure 5 - Connection Memory High Bits
x = Don’t care
Figure 6 - Connection Memory Low Bits
BIT
NAME
DESCRIPTION
6
V/C
Variable/Constant Throughput Delay Mode. This bit is used to select between Variable
(LOW) and Constant Delay (HIGH) modes on a per-channel basis.
2
MC
Message Channel. When 1, the contents of the corresponding location in Connection
Memory Low are output on the corresponding channel and stream. When 0, the contents
of the programmed location in Connection Memory Low act as an address for the Data
Memory and so determine the source of the connection to the location’s channel and
stream.
1
CSTo
CSTo Bit. This bit drives a bit time on the CSTo output pin.
0
OE
Output Enable. This bit enables the output drivers on a per-channel basis. This allows
individual channels on individual streams to be made high-impedance, allowing switch
matrices to be constructed. A HIGH enables the driver and a LOW disables it.
BIT
NAME
DESCRIPTION
7-5
SAB2-0*
Source Stream Address bits. These three bits are used to select eight source streams
for the connection. Bit 7 of each word is the most significant bit.
4-0*
CAB4-0*
Source Channel Address bits 0-4. These five bits are used to select 32 different source
channels for the connection (The ST-BUS stream where the channel is present is defined
by bits SAB2-0). Bit 4 is the most significant bit.
*
If bit 2 of the corresponding Connection High location is 1 or if bit 6 of the Control Register is 1, then these entire 8 bits are output
on the channel and stream associated with this location. Otherwise, the bits are used as indicated to define the source of the
connection which is output on the channel and stream associated with this location.
X
V/C
X
X
X
MC
CSTo
OE
76543210
SAB2
SAB1
SAB0
CAB4
CAB3
CAB2
CAB1
CAB0
76543210
transmitted in HIGH. If CSTo bit is LOW, the
corresponding bit on the CSTo output is transmitted
in LOW. The contents of the 256 CSTo bits of the
CMH are transmitted sequentially on to the CSTo
output pin and are synchronous to the ST-BUS
streams. To allow for delay in any external control
circuitry the contents of the CSTo bit is output one
channel before the corresponding channel on the ST-
BUS streams. For example, the contents of CSTo bit
in position 0 (ST0, CH0) of the CMH, is transmitted
synchronously with ST-BUS channel 31, bit 7. The
contents of CSTo bit in position 32 (ST1, CH0) of the
CMH is transmitted during ST-BUS channel 31 bit 6.
Bit V/C (Variable/Constant Delay) on the Connect
Memory High locations allow per-channel selection
between Variable and Constant throughput delay
capabilities.
Initialization of the MT8985
On initialization or power up, the contents of the
Connection Memory High can be in any state. This
is a potentially hazardous condition when multiple
MT8985 ST-BUS outputs are tied together to form
matrices, as these outputs may conflict. The ODE
pin should be held low on power up to keep all
outputs in the high impedance condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com