Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8985 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # MT8985
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button MT8985 Datasheet HTML 10Page - Mitel Networks Corporation MT8985 Datasheet HTML 11Page - Mitel Networks Corporation MT8985 Datasheet HTML 12Page - Mitel Networks Corporation MT8985 Datasheet HTML 13Page - Mitel Networks Corporation MT8985 Datasheet HTML 14Page - Mitel Networks Corporation MT8985 Datasheet HTML 15Page - Mitel Networks Corporation MT8985 Datasheet HTML 16Page - Mitel Networks Corporation MT8985 Datasheet HTML 17Page - Mitel Networks Corporation MT8985 Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MT8985
2-58
† Timing is over recommended temperature & power supply voltages (VDD=5V
±5%, V
SS=0V, TA=–40 to 85
°C).
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 13 - ST-BUS Timing
AC Electrical Characteristics† - ST-BUS Timing
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Frame Pulse width
tF0iW
244
ns
2
Frame Pulse setup time
tF0iS
10
190
ns
3
Frame Pulse hold time
tF0iH
20
190
ns
4
STo delay Active to Active
tDAA
45
100
ns
CL=150 pF
5
STi setup time
tSTiS
20
ns
6
STi hold time
tSTiH
20
ns
7
Clock period
tC4i
200
244
300
ns
8
CK Input Low
tCL
85
122
150
ns
9
CK Input High
tCH
85
122
150
ns
10 Clock Rise/Fall Time
tr,tf
10
ns
2.0V
0.8V
STi
2.0V
0.8V
2.0V
0.8V
STo
2.0V
0.8V
F0i
tF0iW
tC4i
tCH
tCL
tF0iS
tDAA
tSTiS
tSTiH
tF0iH
Ch. 31
Bit 0
Ch. 0
Bit 7
Ch. 0
Bit 6
Ch. 31
Bit 0
Ch. 0
Bit 7
Ch. 0
Bit 6
Ch. 0
Bit 5
Ch. 0
Bit 5
C4i
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com