Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8985 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8985
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8985 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8985 Datasheet HTML 1Page - Mitel Networks Corporation MT8985 Datasheet HTML 2Page - Mitel Networks Corporation MT8985 Datasheet HTML 3Page - Mitel Networks Corporation MT8985 Datasheet HTML 4Page - Mitel Networks Corporation MT8985 Datasheet HTML 5Page - Mitel Networks Corporation MT8985 Datasheet HTML 6Page - Mitel Networks Corporation MT8985 Datasheet HTML 7Page - Mitel Networks Corporation MT8985 Datasheet HTML 8Page - Mitel Networks Corporation MT8985 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MT8985
2-47
21
24
18
CS
Chip Select (Input). Active low input enabling a microprocessor read or write of
control register or internal memories.
22-29 25-27
29-33
19-21
23-27
D7-D0 Data Bus 7 to 0 (Bidirectional). These pins provide microprocessor access to data
in the internal control register, connect memory high, connect memory low and data
memory.
30
34
28
VSS
Ground Rail.
31-38 35-39
41-43
29-33
35-37
STo7-
STo0
ST-BUS Outputs 7 to 0 (Three-state Outputs). Serial data output streams. These
streams are composed of 32 channels at data rates of 2.048 Mbit/s.
39
44
38
ODE Output Drive Enable (Input). This is an output enable for the STo0 to STo7 serial
outputs. If this input is low STo0-7 are high impedance. If this input is high each
channel may still be put into high impedance by software control.
40
1
39
CSTo Control ST-BUS Output (Output). This output is a 2.048 Mb/s line which contains
256 bits per frame. The level of each bit is controlled by the contents of the CSTo bit
in the Connect Memory high locations.
6, 18,
28,
40
12,22
34,
44
NC
No Connection.
Pin Description
Pin #
Name
Description
40
DIP
44
PLCC
44
QFP
Functional Description
With the integration of voice, video and data services
into the same network, there has been an increasing
demand for systems which ensure that data at N x 64
Kbit/s rates maintain frame sequence integrity while
being transported through time slot interchange
circuits. Existing requirements demand time slot
interchange
devices
performing
switching
with
constant
throughput
delay
while
guaranteeing
minimum delay for voice channels.
The MT8985 device provides both functions and
allows existing systems based on the MT8980D to
be easily upgraded to maintain the data integrity
while multiple channel data are transported. The
device is designed to switch 64 kbit/s PCM or N x 64
kbit/s data. The MT8985 can provide both frame
integrity
for
data
applications
and
minimum
throughput switching delay for voice applications on
a per channel basis.
By
using
Mitel
Message
mode
capability,
the
microprocessor can access input and output time
slots on a per channel basis to control devices such
as the MITEL MT8972, ISDN Transceivers and T1/
CEPT trunk interfaces through the ST-BUS interface.
Different digital backplanes can be accepted by the
MT8985 device without user's intervention. The
MT8985 device provides an internal circuit that
automatically identifies the polarity and format of
frame synchronization input signals compatible to
ST-BUS and GCI interfaces.
Device Operation
A functional block diagram of the MT8985 device is
shown in Figure 1. The serial ST-BUS streams
operate continuously at 2.048 Mb/s and are arranged
in 125
µs wide frames each containing 32 8-bit
channels. Eight input (STi0-7) and eight output
(STo0-7) serial streams are provided in the MT8985
device allowing a complete 256 x 256 channel non-
blocking switch matrix to be constructed. The serial
interface clock for the device is 4.096 MHz, as
required in ST-BUS and GCI specifications.
Data Memory
The received serial data is converted to parallel
format by the on-chip serial to parallel converters
and stored sequentially in a 256-position Data
Memory. The sequential addressing of the Data
Memory is generated by an internal counter that is
reset by the input 8 kHz frame pulse (F0i) marking
the frame boundaries of the incoming serial data
streams.
Depending on the type of information to be switched,
the MT8985 device can be programmed to perform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com