Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852FS Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5852FS
Description  Digital Dynamic Bass Boost LSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852FS Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5852FS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM5852FS
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O1
1. Ip = Input pin with pull-up resistor. Accordingly, they can be left open for HIGH-level input.
Description
1
LRCI
Ip
Input data sample rate (fs) clock input
2
BCKI
Ip
Bit clock input
3
DI
Ip
Serial data input
4
CLK
I
Clock input
5
VSS
–
Ground
6
RSTN
Ip
System reset initialization. Reset when LOW.
7
TESTN
Ip
Test mode input. Testing when LOW.
8
MUTEN
Ip
Mute input. Muting when LOW.
9
DOUT
O
Serial data output
10
BCKO
O
Bit clock output
11
LRCO
O
Output data sample rate (fs) clock output
12
VDD
–
3.2 to 5.5 V supply
13
OPT
Ip
Not used. Tie HIGH for normal operation.
14
MOD1
Ip
Gain characteristics switch inputs.
15
MOD2
Ip
16
DB/DS
Ip
MOD1
MOD2
DB/DS
Gain mode
LOW
LOW
LOW
18 dB
LOW
LOW
HIGH
16 dB
LOW
HIGH
LOW
14 dB
LOW
HIGH
HIGH
12 dB
HIGH
LOW
LOW
10 dB
HIGH
LOW
HIGH
6 dB
HIGH
HIGH
LOW
Off
HIGH
HIGH
HIGH
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com