Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852FS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5852FS
Description  Digital Dynamic Bass Boost LSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852FS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5852FS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SM5852FS
NIPPON PRECISION CIRCUITS—6
AC Characteristics
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C for nomal-voltage operation
VDD = 3.2 to 4.5 V, VSS = 0 V, Ta = −20 to 70 °C for low-voltage operation
CLK (384fs)
RSTN
RSTN should be set LOW at power-ON and after
reacquiring synchronization. Note that if RSTN is
LOW for longer than 1 µs, a through-current flows in
the internal dynamic circuits because the internal
clock is stopped. The through-current has no rated
value, so the reset pulse should be kept as short as
possible at all times other than at power-ON.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Clock pulsewidth
tCW
24
–
500
ns
Clock cycle time
tCY
55
59
1000
ns
tcy
tCW
CLK
1.5V
VIH
VIL
tCW
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Reset LOW-level pulsewidth
tRST
At power-ON
1
–
–
µs
At all other times
50
–
1000
ns
RSTN
1.5V
VDD
tRST
tRST 1µsec
3.2V
RSTN
1.5V
VDD
tRST
tRST 1µsec
3.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com