Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852FS Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5852FS
Description  Digital Dynamic Bass Boost LSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852FS Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5852FS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM5852FS
NIPPON PRECISION CIRCUITS—7
Serial input timing
DB/DS, OPT
When DB/DS or OPT change state, the input level must be constant for a minimum of 2/fs (2
× LRCI cycle
time). Input levels of duration less than 2/fs may be ignored.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
BCKI pulsewidth
tBCIW
100
–
–
ns
BCKI cycle time
tBCIY
200
–
–
ns
DI setup time
tDIS
75
–
–
ns
DI hold time
tDIH
75
–
–
ns
LRCI setup time
tLIS
75
–
–
ns
LRCI hold time
tLIH
75
–
–
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Minimum pulsewidth
tW
2/fs
–
–
ns
DI
1.5V
BCKI
LRCI
tBCIW
tBCIW
tBCIY
tDIS
tLIS
tLIH
1.5V
1.5V
tDIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com