Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852FS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5852FS
Description  Digital Dynamic Bass Boost LSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852FS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5852FS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SM5852FS
NIPPON PRECISION CIRCUITS—5
DC Characteristics
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C for nomal-voltage operation
VDD = 3.2 to 4.5 V, VSS = 0 V, Ta = −20 to 70 °C for low-voltage operation
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption1
1. fCLK = 384fs = 16.9344 MHz, no output load, input data conformance with NPC test pattern
IDD
VDD = 5.0 V
–
16
23
mA
Input voltage for all inputs2
2. LRCI, BCKI, DI,RSTN, TESTN, MUTEN, OPT, MOD1, MOD2, DB / DS, CKL
VIH
2.4
–
–
V
VIL
–
–
0.5
V
Output voltage for all outputs3
3. LRCO, BCKO, DOUT
VOH
IOH = −0.4 mA
2.5
–
–
V
VOL
IOL = 1.6 mA
–
–
0.4
V
Input leakage current for all inputs2
ILH
VIN = VDD
–
–
1.0
µA
CLK input leakage current
ILL
VIN = 0 V
–
–
1.0
µA
Input current for all inputs except CLK 2
IIL
VIN = 0 V
–
–
20
µA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption1
1. fCLK = 384fs = 16.9344 MHz, no output load, input data conformance with NPC test pattern
IDD
VDD = 3.4 V
–
7
10
mA
Input voltage for all inputs2
2. LRCI, BCKI, DI,RSTN, TESTN, MUTEN, OPT, MOD1, MOD2, DB / DS, CLK
VIH
2.4
–
–
V
VIL
–
–
0.5
V
Output voltage for all outputs3
3. LRCO, BCKO, DOUT
VOH
IOH = −0.2 mA
2.5
–
–
V
VOL
IOL = 0.8 mA
–
–
0.4
V
Input leakage current for all inputs2
ILH
VIN = VDD
–
–
1.0
µA
CLK input leakage current
ILL
VIN = 0 V
–
–
1.0
µA
Input current for all inputs except CLK 2
IIL
VIN = 0 V
–
–
12
µA
Audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com