Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5852FS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5852FS
Description  Digital Dynamic Bass Boost LSI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5852FS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5852FS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5852FS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM5852FS
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Digital Dynamic Bass Boost LSI
OVERVIEW
The SM5852FS is a digital signal processor IC that
performs DDBB (digital dynamic bass boost)
processing for use in digital audio reproduction
equipment. It is designed for use with a 44.1 kHz
sampling frequency.
FEATURES
s
2-channel processing
s
Improved DDBB mode channel separation
s
6 input-level dependent dynamic gain
characteristics
s
Serial input/output interface
2s complement, MSB first, 16-bit
s
384fs system clock
s
23
× 23-bit multiplier/30-bit high-precision
accumulator
s
TTL-compatible input/output
s
3.2 to 5.5 V operating voltage range
s
16-pin SOP
s
Molybdenum-gate CMOS
ORDERING INFOMATION
PINOUT
PACKAGE DIMENSIONS
16-pin SOP (Unit: mm)
Device
Package
SM5852FS
16pin SOP
MUTEN
CLK
VSS
BCKI
DI
LRCI
RSTN
LRCO
VDD
DB/DS
TESTN
MOD2
MOD1
OPT
BCKO
DOUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
10.16±0.3
10.5 MAX
0.4±0.15
1.27±0.15
0.635±0.15
0.17±0.05
0 to 15


Similar Part No. - SM5852FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5852 ETC2-SM5852 Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001 ETC2-SM5852-001 Datasheet
371Kb / 6P
SINGNAL-CONDITIONED ULTRA-LOW PRESSURE SENSOR
SM5852-001-A-3-L ETC2-SM5852-001-A-3-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-3-N ETC2-SM5852-001-A-3-N Datasheet
216Kb / 4P
Amplified Pressure Sensor
SM5852-001-A-5-L ETC2-SM5852-001-A-5-L Datasheet
216Kb / 4P
Amplified Pressure Sensor
More results

Similar Description - SM5852FS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
logo
Nippon Precision Circui...
SM5852CS NPC-SM5852CS Datasheet
132Kb / 17P
Dynamic Range Compression LSI
logo
Sanyo Semicon Device
LA2650 SANYO-LA2650 Datasheet
319Kb / 13P
Bass Boost IC
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
IC for Headphone Stereos (bass boost)
logo
New Japan Radio
NJM2706 NJRC-NJM2706 Datasheet
125Kb / 15P
3D Surround Audio Processor with Dynamic Bass Boost
logo
Sony Corporation
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
2ch Electronic Volume with Dynamic Bass Boost 51diff Input Selector
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
2ch Electronic Volume with Dynamic Bass Boost
logo
Toshiba Semiconductor
TC9470FN TOSHIBA-TC9470FN Datasheet
259Kb / 19P
Modulation DA Converter with Built-in 8-Times Oversampling Digital Filter/Dynamic Digital Bass Boost/Analog Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com