Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256MC Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # PDSP16256MC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256MC Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button PDSP16256MC Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 9Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 10Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 11Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 12Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PDSP16256
9
Dual Indipendant Filter Options
When operating as two independent filters the device
accepts 16 bit data on both the DA and DB buses at the
selected sample rate, see Fig. 8. Results are available
from both the F and X buses. The F bus may be tristated
using the OEN input. Signal OEN is registered onto the
device and does not therefore take effect until the first
SCLK rising edge
Each filter must be configured in the same manner, and
multiple device expansion is not possible due to the pin
re-organization. The latter requirement can, of course,
still be satisfied by several devices configured as single
filters.
Dual independent filter mode is selected by setting
control register bits 15 and 4 to a zero. The required filter
length is selected using control register bits 14 and 13 as
summarised in Table 4, which also shows the resulting
latency. As in single filter mode normal or decimate-by-
two operation can be selected using control register bit
12.
Dual Cascaded Filter Options
When operating as two cascaded filters the device ac-
cepts 16 bit data on the DA bus at the selected sample
rate. Results are presented on the 32-bit X bus, see Fig.
9. Each filter must be configured in the same manner.
Multiple device expansion is not possible in this mode.
Dual cascaded filter mode is selected by setting control
register bit 15 to a zero and bit 4 to a one. The required
filter length is selected using control register bits 14 and
13 as summarised in Table 4, which also shows the
resulting latency. The decimate-by-two option is not
available in this mode.
The data for the second filter network is extracted as the
middle 16 bits from the first networks accumulated result.
For successful operation the first filter network must have
unity gain. See the section on filter accuracy for more
details.
The cascade option is used to increase the stop band
rejection in a practical filter application. Theoretically,
increasing the number of taps in an FIR filter will increase
the stop band rejection, but this assumes floating point
calculations with no accuracy limitations. In practice, with
fixed point arithmetic, better performance is achieved
with two smaller filters in series.
CR
Input
Output
Filter
Setup
14 13 12
Rate
Rate
Length
Latency
Ind
Cas
0 0 0
SCLK
SCLK
8 Taps
16
27
0 0 1
SCLK
SCLK/2
16 Taps
17
-
0 1 0 SCLK/2
SCLK/2
16 Taps
16
28
0 1 1 SCLK/2
SCLK/4
32 Taps
18
-
1 0 0 SCLK/4
SCLK/4
32 Taps
20
36
1 0 1 SCLK/4
SCLK/8
64 Taps
24
-
1 1 0 SCLK/8
SCLK/8
64 Taps
24
40
Table 4. Dual Filter options
Figure. 9 Dual cascaded filter bus utilisation
Figure. 8 Dual independent filter bus utilisation
DA15:0
F31:0
OEN
NETWORK
A
NETWORK
B
DUAL
MODE
SINGLE
MODE
MUX
DB15:0
X31:0
DA15:0
F31:0
OEN
NETWORK
A
NETWORK
B
DUAL
MODE
SINGLE
MODE
MUX
DB15:0
X31:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com