Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256MC Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # PDSP16256MC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256MC Datasheet(HTML) 1 Page - Mitel Networks Corporation

  PDSP16256MC Datasheet HTML 1Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 2Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
The PDSP16256 contains sixteen multiplier -
accumulators, which can be multi cycled to provide
from 16 to 128 stages of digital filtering. Input data
and coefficients are both represented by 16-bit
two’s complement numbers with coefficients
converted internally to 12 bits and the results being
accumulated up to 32 bits.
In 16-tap mode the device samples data at the
system clock rate of up to 25MHz. If a lower sample
rate is acceptable then the number of stages can be
increased in powers of two up to a maximum of 128.
Each time the number of stages is doubled, the
sample clock rate must be halved with respect to the
system clock. With 128 stages the sample clock is
therefore one eighth of the system clock.
In all speed modes devices can be cascaded to
provide filters of any length, only limited by the
possibility of accumulator overflow. The 32-bit
results are passed between cascaded devices
without any intermediate scaling and subsequent
loss of precision.
Features
q
Sixteen MACs in a Single Device
q
Basic Mode is 16-Tap Filter at up to 25MHz
Sample Rates
q
Programmable to give up to 128 Taps with
Sampling Rates Proportionally Reducing to
3·125MHz
q
16-bit Data and 32-bit Accumulators
q
Can be configured as One Long Filter or Two
Half-Length Filters
q
Decimate-by-two Option will Double the Filter
Length
q
Coefficients supplied from Host System or local
EPROM
Applications
q
High Performance Digital Filters
Ordering Information
Commercial (0
°C to 170°C)
PDSP16256A/C0/AC 25MHz, PGA package
Industrial (240
°C to 185°C)
PDSP16256 B0/AC 20MHz, PGA package
PDSP16256 B0/GC 20MHz, QFP package
Military (255
°C to 1125°C)
PDSP16256 MC/AC1R 20MHz, MIL-STD-883*
(latest revision), PGA package
PDSP16256 MC/GC1R 20MHz, MIL-STD-883*
(latest revision), QFP package
*See notes following Electrical Characteristics for further
information on MIL-STD-883 screening
Associated Products
PDSP16350 I/Q Splitter/NCO
PDSP16510A FFT Processor
PDSP16256/A
Programmable FIR Filter
DS3709
Issue 7.1
June 1999
The device can be configured as either one long
filter or two separate filters with half the number of
taps in each. Both networks can have independent
inputs and outputs.
Both single and cascaded devices can be operated
in decimate-by-two mode. The output rate is then
half the input rate, but twice the number of stages
are possible at a given sample rate. A single device
with a 20MHz clock would then, for example,
provide a 128-stage low pass filter, with a 5MHz
input rate and 2·5MHz output rate.
Coefficients are stored internally and can be down
loaded from a host system or an EPROM. The latter
requires no additional support, and is used in stand
alone applications. A full set of coefficients is then
automatically loaded at power on, or at the request
of the system. A single EPROM can be used to
provide coefficients for up to 16 devices.
Description


Similar Part No. - PDSP16256MC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
149Kb / 18P
16 by 16 Bit Complex Multiplier
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
Programmable FIR Filter
PDSP16256 ZARLINK-PDSP16256 Datasheet
181Kb / 23P
Stand Alone FFT Processor
PDSP16256 ZARLINK-PDSP16256 Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
268Kb / 24P
Programmable FIR Filter
More results

Similar Description - PDSP16256MC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C001 ATMEL-AT76C001 Datasheet
73Kb / 9P
CBIC Programmable FIR Filter
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
Programmable FIR Filter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
Dual FIR Filter
May 1999
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
Programmable FIR Filter
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
Programmable FIR FIlter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
Dual FIR Filter
April 18, 2007
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
Dual FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
Dual FIR Filter
July 27, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com