Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256MC Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # PDSP16256MC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256MC Datasheet(HTML) 5 Page - Mitel Networks Corporation

  PDSP16256MC Datasheet HTML 1Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 2Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PDSP16256
5
Signal
GND
BUSY
X0
VDD
X1
X2
X3
X4
X5
X6
GND
X7
X8
VDD
X9
X10
X11
X12
X13
X14
GND
X15
X16
X17
X18
X19
X20
X21
X22
GND
X23
X24
X25
VDD
X26
X27
X28
X29
X30
GND
X31
VDD
FRUN
GG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
Signal
F0
F1
F2
F3
VDD
F4
F5
GND
F6
F7
F8
F9
F10
F11
F12
GND
F13
F14
F15
VDD
F16
F17
F18
F19
VDD
F20
F21
GND
F22
F23
F24
F25
F26
F27
F28
GND
F29
F30
F31
VDD
FEN
DFEN
DCLR
AC
A15
B15
D13
C14
G15
C15
D14
J15
E13
D15
E14
E15
F13
F14
F15
-
G14
G13
H14
-
H15
H13
J14
K15
-
J13
K14
-
L15
K13
L14
M15
L13
M14
N15
-
N14
M13
P15
-
P14
N13
R15
GG
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
Signal
SWAP
GND
OEN
CLKOP
VDD
DA0
DA1
DA2
DA3
DA4
DA5
GND
DA6
DA7
DA8
DA9
VDD
DA10
DA11
DA12
DA13
DA14
DA15
GND
C0
C1
C2
C3
C4
C5
VDD
C6
C7
C8
C9
C10
GND
C11
C12
C13
VDD
GND
C14
AC
R14
-
N12
P13
-
R13
P12
N11
R12
P11
R11
R9
N10
P10
R10
P9
R7
N9
P8
R8
N8
P7
R6
-
N7
P6
R5
N6
P5
R4
-
N5
P4
R3
P3
N4
-
R2
P2
N3
-
-
R1
GG
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
Signal
C15
GND
GND
WEN
CCS
CS
VDD
RES
SLCK
GND
VDD
BYTE
EPROM
A0
A1
A2
A3
A4
VDD
A5
A6
GND
A7
DB0
DB1
DB2
GND
DB3
DB4
DB5
DB6
DB7
VDD
DB8
DB9
DB10
DB11
DB12
DB13
DB14
GND
DB15
VDD
AC
P1
-
-
N2
N1
M2
-
L3
M1
M3
-
L2
L1
K3
K2
K1
J2
J3
G1
H2
H1
J1
H3
G2
F1
G3
-
F2
E1
F3
E2
D1
-
E3
D2
C1
C2
D3
B1
B2
-
C3
-
Table 2 Pin connections for AC144 and GC172 packages
NOTE. All GND and VDD pins must be used
AC
-
A1
A2
-
C4
B3
A3
B4
C5
A4
-
B5
A5
A7
C6
B6
A6
B7
C7
B8
A9
A8
C8
B9
A10
C9
B10
A11
C10
-
B11
A12
C11
-
B12
A13
B13
C12
A14
-
B14
-
C13
GG
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com