Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256MC Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # PDSP16256MC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256MC Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button PDSP16256MC Datasheet HTML 18Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 19Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 20Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 21Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 22Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 23Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 24Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 25Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
PDSP16256
22
Figure. 23 Three state delay measurement
Three state delay measurement load
VH
0·5V
Delay from
output high
to output
high impedance
0·5V
0·5V
0·5V
VL
1·5V
1·5V
Delay from
output low
to output
high impedance
Delay from
output high
impedance to
output low
Delay from
output high
impedance to
output high
Test
Waveform measurement level
VH is the voltage reached when the output is driven high
VL is the voltage reached when the output is driven low
IOL
1·5V
IOH
DUT
30pF
Absolute Maximum Ratings (Note 1)
Supply voltage, VDD
Input voltage, VIN
Output voltage, VOUT
Clamp diode current per pin, IK (see note 2)
Static discharge voltage (HBM)
Storage temperature, TS
Maximum junction temperature, TJMAX
Commercial grade
Industrial grade
Military grade
Package power dissipation
Thermal resistance, Junction-to-Case,
θ
JC
20·5V to 17·0V
20·5V to VDD 10·5V
20·5V to VDD 10·5V
18mA
500V
265
°C to1150°C
1100
°C
1110
°C
1150
°C
3000mW
5
°C/W
NOTES
1. Exceeding these ratings may cause permanent
damage. Functional operation under these conditions
is not implied.
2. Maximum dissipation should not be exceeded for
more than 1 second, only one output to be tested at
any one time.
3. Exposure to absolute maximum ratings for extended
periods may affect device reliablity.
4. Current is defined as negative into the device.
5. The
θ
JC data assumes that heat is extracted from the
top of the package.
6. Maximum junction temperature, TJMAX, is specified
with power applied.
PDSP16256 MC AC1R and PDSP16256 MC GC1R
(MIL-STD-883 PARTS)
Polyimide is used as an inter-layer dielectric as
glassification. Polymeric material meeting the
requirements of MIL-STD-883 test method 5011 is used
for die attach.
Life tesst/burn-in connections are given in Tables 9 and
10 on the following pages.
Change Notification
The change notification requirements of MIL-PRF-38535
will be implemented on MIL-STD-883 grade devices.
Known customers will be notified of any changes since
the last buy when ordering further parts if significant
changes have been made.
Rev.
Date
A
MAR 1993
B
SEPT 1995
C
JAN 1998
D
AUG 1998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com