Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256MC Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # PDSP16256MC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256MC Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button PDSP16256MC Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 9Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 10Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 11Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 12Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 13Page - Mitel Networks Corporation PDSP16256MC Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PDSP16256
10
Filter Accuary
Input data and coefficients are both represented by 16-
bit two’s complement numbers. The coefficients are
converted to twelve bits by rounding towards zero. This
is achieved as follows. If the coefficient is positive then
the least significant 4 bits are discarded. If the coefficient
is negative then the logical ‘OR’ of the least significant 4
bits are added to the remainder of the word. Twelve bit
coefficients can be used directly provided the least
significant four bits are set to zero.
The FIR filter results are calculated using a multiplier
accumulator structure as shown in Fig. 10. The trunca-
tion and word growth allowed for in the data path are
explained in Fig. 10. The 16-bit data and 12-bit coeffi-
cient inputs (each with one sign bit before the binary
point), are presented to the multiplier. This produces a
28-bit result with two bits before the binary point. Produc-
ing the full 28-bit result ensures that if both the data and
coefficients are set to logic 1 a valid result is generated.
Prior to entering the accumulator the least significant 4
bits of the multiplier result are truncated and the resulting
24 bits sign extended to 32 bits. The final accumulator
result is 32 bits with 10 bits before the binary point. Thus
9 bits of word growth are allowed within the accumulator.
All accumulator bits are made available on the output
pins.
In cascade mode the middle 16 bits from the network A
accumulator are fed round to the network B data inputs,
see Fig. 11.
COEFFICIENT
ADDER
INPUT DATA
ACCUMULATOR
RESULT
S
8
7
6
5
4
3
2
1
0
S
S
S
S
S
S
S
S
S
0
S
0
-26
S
S
ACCUMULATOR RESULT
These bits are passed to filter network B during cascade mode
-25
-24
-23
-22
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-22
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-22
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-15
ACCUMULATOR RESULT
MULTIPLIER RESULT
COEFFICIENT
INPUT DATA
Sign extended to 32 bits, least significant 4 bits truncated
Multiplication producing a 28-bit result
Figure. 10 Multiplier Accumulator
Figure. 11 Filter accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com