Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658F Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP5658F
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658F Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP5658F Datasheet HTML 4Page - Mitel Networks Corporation SP5658F Datasheet HTML 5Page - Mitel Networks Corporation SP5658F Datasheet HTML 6Page - Mitel Networks Corporation SP5658F Datasheet HTML 7Page - Mitel Networks Corporation SP5658F Datasheet HTML 8Page - Mitel Networks Corporation SP5658F Datasheet HTML 9Page - Mitel Networks Corporation SP5658F Datasheet HTML 10Page - Mitel Networks Corporation SP5658F Datasheet HTML 11Page - Mitel Networks Corporation SP5658F Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
SP5658
DOUBLE CONVERSION TUNER SYSTEMS
The high 2.7GHz maximum operating frequency and
excellent noise characteristics of the SP5658 enables the
construction of double conversion high IF tuners.
A typical system shown in Fig.7 will use the SP5658 as the
first LO control for full band upconversion to an IF of greater
than 1GHz. The wide range of reference division ratios allows
the SP5658 to be used both for the up converter LO with a high
phase comparator frequency (hence low phase noise) and the
down converter which utilises the device in a lower
comparison frequency mode (which offers a fine step size).
50–900MHz
1.6GHz
38.9MHz
1650–2700MHz
SP5658
SP5658
First LO
Second LO
CONTROL
MICRO
15nF
68pF
+30V
+5V
22k
16k
47k
+12V
2n2
2N3904
1n
1n
10n
P1
TUNER
OSCILLATOR
OUTPUT
13k3
P0
DIS
LOCK
CLOCK
DATA
ENABLE
REF 10n
18pF
4MHz
Optional application utilising
on–board crystal controlled
oscillator
114
2
3
4
5
6
7
13
12
11
10
8
9
APPLICATION NOTES
A generic set of application notes AN168 for designing
with synthesisers such as the SP5658 has been written. This
covers aspects such as loop filter design and decoupling. This
application note is also featured in the Media IC Handbook.
A generic test/demo board has been produced which can
be used for the SP5658. A circuit diagram and layout for the
board is shown in Figs. 8 and 9.
The board can be used for the following purposes:
(A) measuring RF sensitivity performance.
(B) Indicating port function.
(C) Synthesising a voltage controlled oscillator.
(D) Testing of external reference sources.
Fig. 6 Example of double conversion from VHF/UHF frequencies to TV IF
Fig. 7 Typical application, SP5658F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com