Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658F Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP5658F
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658F Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SP5658F Datasheet HTML 2Page - Mitel Networks Corporation SP5658F Datasheet HTML 3Page - Mitel Networks Corporation SP5658F Datasheet HTML 4Page - Mitel Networks Corporation SP5658F Datasheet HTML 5Page - Mitel Networks Corporation SP5658F Datasheet HTML 6Page - Mitel Networks Corporation SP5658F Datasheet HTML 7Page - Mitel Networks Corporation SP5658F Datasheet HTML 8Page - Mitel Networks Corporation SP5658F Datasheet HTML 9Page - Mitel Networks Corporation SP5658F Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
SP5658
Fig. 3 Data format and timing
R2
R1
R0
RATIO
Comparison Frequency with a 4MHz
external reference.
0
0
0
2
2MHz
0
0
1
4
1MHz
0
1
0
8
500kHz
0
1
1
16
250kHz
1
0
0
32
125kHz
1
0
1
64
62.5kHz
1
1
0
128
31.25kHz
1
1
1
256
15.625kHz
Table 1 Reference division ratios
CLOCK
ENABLE
16 PIN VARIANT
DATA
FREQUENCY DATA
2 27 2 26 2 25 2 24 2 23 2 22 2 21 2 20 2 19 2 18 2 17 2 16
2 0
P3
P2
P1
P0
TO OS CO R2
R1
R0 DE
LSB
14 PIN VARIANT
DATA
FREQUENCY DATA
2 25 2 24 2 23 2 22 2 21 2 20 2 19 2 18 2 17 2 16
2 0
P1
P0
TO OS CO R2
R1
R0 DE
LSB
CLOCK
ENABLE
DATA
t
ES =Enable set up time
=Data set up time
=Data hold time
=Clock–to–enable time
=Enable hold time
t
SU
t
HD
t
CE
t
EH
MSB IS TRANSMITTED
FIRST
t
SU
t
HD
3V
3V
0.7V
0.7V
t
CE tES
t
EH
3V
0.7V
216 to 20
t : Programmable divider ratio control bits
R2
R1
R0
,,
t : Reference divider ratio control bits (see Table1)
P3, P2, P1, P0
t : Port control bits
CO
t : Charge Pump current select (see Table 3)
OS
t : Drive output disable switch
T0
t : Test mode enable (see Table 2)
MSB
MSB
DE
:
- 2 Prescaler (Enable = 1, Disable = 0)
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com