Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658F Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SP5658F
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658F Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SP5658F Datasheet HTML 3Page - Mitel Networks Corporation SP5658F Datasheet HTML 4Page - Mitel Networks Corporation SP5658F Datasheet HTML 5Page - Mitel Networks Corporation SP5658F Datasheet HTML 6Page - Mitel Networks Corporation SP5658F Datasheet HTML 7Page - Mitel Networks Corporation SP5658F Datasheet HTML 8Page - Mitel Networks Corporation SP5658F Datasheet HTML 9Page - Mitel Networks Corporation SP5658F Datasheet HTML 10Page - Mitel Networks Corporation SP5658F Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
SP5658
TO
OS
DIS
P0/OP
P1/0C
FUNCTIONAL DESCRIPTION
0
0
0
#
#
NORMAL OPERATION
0
0
1
#
#
CHARGE PUMP DISABLE
1
0
0
F pd/2
F comp
NORMAL OPERATION
0
1
0
#
#
VARACTOR LINE DISABLE
0
1
1
#
#
CHARGE PUMP AND
VARACTOR LINE DISABLE
1
X
1
–
–
NOT PERMITTED
# CONTROLLED BY BITS P0 AND P1 WITHIN DATA WORD
Table 2 Test modes
C0
CURRENT IN mA
MIN
TYP
MAX
0
0.23
0.3
0.37
1
0.68
0.9
1.12
Table 3 Charge pump current
Fig. 4 Typical input impedance
Fig. 5a Typical input sensitivity (Prescaler disabled, DE=0)
Fig. 5b Typical input sensitivity (Prescaler enabled, DE=1)
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
FREQUENCY MARKERS AT 100MHz,
S11:Z0 = 50
X
X
X
X
NORMALISED TO 50
500MHz, 1GHz AND 2.7GHz
300
100
40
10
1000
2000
3000
FREQUENCY (MHz)
3500
OPERA TING
WINDOW
1000
2000
2700
3000
FREQUENCY (MHz)
3500
300
OPERA TING
WINDOW
300
100
40
10
VIN
(mV RMS
INTO 50 )
VIN
(mV RMS
INTO 50 )
100
80
80
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com