Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658F Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # SP5658F
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658F Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button SP5658F Datasheet HTML 6Page - Mitel Networks Corporation SP5658F Datasheet HTML 7Page - Mitel Networks Corporation SP5658F Datasheet HTML 8Page - Mitel Networks Corporation SP5658F Datasheet HTML 9Page - Mitel Networks Corporation SP5658F Datasheet HTML 10Page - Mitel Networks Corporation SP5658F Datasheet HTML 11Page - Mitel Networks Corporation SP5658F Datasheet HTML 12Page - Mitel Networks Corporation SP5658F Datasheet HTML 13Page - Mitel Networks Corporation SP5658F Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
SP5658
VREF
500
500
RF INPUTS
VCC
CHARGE
PUMP
DRIVE
OUTPUT
PORT/LOCK
CRYSTAL
RF inputs
Loop amplifier
Disable, Enable, Data and Clock inputs
Reference oscillator
Output Ports and Lock Output
/O
VCC
BIAS
25K
200
OS
(Output disable)
VCC
Fig. 10 Input/Output interface circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com