Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658F Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP5658F
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658F Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP5658F Datasheet HTML 1Page - Mitel Networks Corporation SP5658F Datasheet HTML 2Page - Mitel Networks Corporation SP5658F Datasheet HTML 3Page - Mitel Networks Corporation SP5658F Datasheet HTML 4Page - Mitel Networks Corporation SP5658F Datasheet HTML 5Page - Mitel Networks Corporation SP5658F Datasheet HTML 6Page - Mitel Networks Corporation SP5658F Datasheet HTML 7Page - Mitel Networks Corporation SP5658F Datasheet HTML 8Page - Mitel Networks Corporation SP5658F Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SP5658
ELECTRICAL CHARACTERISTICS
T amb = –20
°C to + 80°C, V
CC = + 4.5V to + 5.5V. Reference frequency = 4MHz. These characteristics are guaranteed
by either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
Characteristics
Pin
Value
Units
Conditions
(SP5658S)
Bus Timing
4,5,6
Data set up, t
SU
300
ns
See Fig. 3
Data hold, t
HD
600
ns
See Fig. 3
Enable set up, t
ES
300
ns
See Fig. 3
Enable hold, t
EH
600
ns
See Fig. 3
Clock to enable, t
CE
300
ns
See Fig. 3
Charge pump output current
1
See Table 3, V
PIN1 = 2V
Charge pump output leakage
1
± 3
± 10
nA
V
PIN1 = 2V
Charge pump drive output
16
1
mA
V
PIN16 = 0.7V
current
Oscillator temperature stability
2
2
ppm/
°C
Oscillator supply voltage
2
2
ppm/V
stability
External reference input
2
2
20
MHz
AC coupled sinewave
frequency
External reference input
2
200
500
mV
PP
AC coupled sinewave
amplitude
Crystal frequency
2
4
12
MHz
Crystal oscillator drive level
2
45
mV
PP
Recommended crystal series
100
200
Ω
Applies to 4MHz crystal only.
resistance
‘‘Parallel resonant” crystal. Figure
quoted is under all conditions
including start up.
Crystal oscillator negative
2
400
Ω
Includes temperature and process
resistance
tolerances.
Comparison frequency
2
MHz
Phase noise at phase detector
–142
dBC/
6kHz loop BW, phase comparator
Hz
freq 250kHz. Figure measured @
1kHz offset, DSB (within loop band
width).
RF division ratio
240
131071
Prescaler disabled, DE=0
480
262142
Prescaler enabled, DE=1
Reference division ratio
See Table 1
Output ports P0–P3 #
7,8,9,10
Sink current
10
mA
V
PORT =0.7V
Leakage current
10
µAV
PORT =13.2V
Lock output
11
Sink current
1
mA
V
LOCK =0.7V, ‘out of lock’
Leakage current
10
µA
‘in lock’
# Ports P2 and P3 are not available on the SP5658F.
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com