Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82885 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VT82885 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
VT82885
Real Time Clock
VIA Technologies, Inc.
power is applied. When VCC falls below 4.25
volts, the chip select input is internally forced
to an inac-tive level regardless of the value
of CS# at the input pin. The VT82885 is,
therefore, write-protected. When VCC falls
below the level of VBAT, the external VCC
supply is switched off and the external VBAT
lithium energy source supplies power to the
Real Time Clock and the RAM memory.
SIGNAL DESCRIPTIONS
VCC − DC power is provided to the device on
thIs pin. VCC is the +5 volt input. When 5
volts are applied within normal limits, the
device is fully accessible and data can be
written and read. When VCC is below 4.25
volts typical, reads and writes are inhibited.
However, the timekeeping function contin-
ues unaffected by the lower input voltage. As
VCC falls below VBAT, the RAM and
timekeeper are switched over to the exter-
nal lithium energy source. The timekeeping
function maintains an accuracy of
± 1 minute
per month at 25
°C regardless of the voltage
input on the VCC pin.
VBAT − Battery input for any standard 3 volt
lithium cell or energy source. Battery vol-
tage must be held between 2.5 and 3.4 volts
for proper operation. A maximum load of .5
µA at 25°C in the absence of VCC power
should be used to size the external energy
source.
SQW (Square Wave Output)
− The SQW
pin can output a signal from one of 13 taps
provided by the internal divider stages of the
Real Time Clock. The frequency of the SQW
pin can be changed by programming
Register A as shown in Table 1. The SQW
signal can be turned on and off using the
SQWE bit in Register B. The SQW signal is
not available when VCC is less than 4.25
volts typical.
TABLE 1: PERIODIC INTERRUPT RATE AND SQUARE WAVE OUTPUT FREQUENCY
SELECT BITS REGISTER A
tPI PERIODIC
SQW OUTPUT
RS3
RS2
RS1
RS0
INTERRUPT RATE
FREQUENCY
0000
None
None
0001
3.90625 ms
256 Hz
0010
7.8125 ms
128 Hz
0011
122.070
µs
8.192 kHz
0100
244.141
µs
4.096 kHz
0101
488.281
µs
2.048 kHz
0110
976.5625
µs
1.024 kHz
0111
1.953125 ms
512 Hz
1000
3.90625 ms
256 Hz
1001
7.8125 ms
128 Hz
1010
15.625 ms
64 Hz
1011
31.25 ms
32 Hz
1100
62.5 ms
16 Hz
1101
125 ms
8 Hz
1110
250 ms
4 Hz
1111
500 ms
2 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com