Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82885 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT82885 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
VT82885
Real Time Clock
VIA Technologies, Inc.
VOLTAGE ON ANY PIN RELATIVE TO GROUND -0.3V TO +7.0V
OPERATING TEMPERATURE
0
°C TO 70°C
STORAGE TEMPERATURE
-40
°C TO +70°C
SOLDERING TEMPERATURE
260
°C FOR 10 SECONDS
*This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS (0
°C TO 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
4.5
5.0
5.5
V
1
Input Logic 1
VIH
2.2
VCC+0.3
V
1
Input Logic 0
VIL
-0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS (0
°C TO 70°C, VCC = 4.5 TO 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Current
ICC1
510
mA
2
Input Leakage
IIL
-1.0
+1.0
µA
3
I/O Leakage
ILO
-1.0
+1.0
µA
4
Input Current
IMOT
-1.0
+500
µA
3
Output @ 2.4V
IOH
-1.0
mA
1,5
Output @ 0.4V
IOL
4.0
mA
1
Write Protect Voltage
VTP
4.0
4.25
4.5
V
CAPACITANCE (tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF
AC ELECTRICAL CHARACTERISTICS (0
°C TO 70°C, VCC = 4.5V TO 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Cycle Time
tCYC
385
DC
ns
Pulse Width, DS/E Low or
RD/WR# High
PWEL
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com