Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82885 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VT82885 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
VT82885
Real Time Clock
VIA Technologies, Inc.
WR#
- Write Strobe
RD#
- Read Strobe
RESET#
- Reset Input
IRQ#
- Interrupt Request Output
SQW
- Square Wave Output
VCC
- +5 Volt Supply
GND
- Ground
X1, X2
- 32.768 kHz Crystal Connec-
tions
VBAT#
- +3 Volt Battery Input
RCLR#
- RAM Clear
OPERATION
The block diagram in Figure 1 shows the
pin connections with the major internal func-
tions of the VT82885. The following para-
graphs describe the function of each pin.
FIQURE 1: BLOCK DIAGRAM VT82885
POWER-DOWN/POWER-UP
CONSIDERATIONS
The Real Time Clock function will continue
to operate and all of the RAM, time, calen-
dar and alarm memory locations remain
nonvolatile regardless of the level of the VCC
input. When VCC is applied to the VT82885
and reaches a level of greater than 4.25
volts, the device becomes ac-cessible after
100 ms, provided that the oscillator is
running and the oscillator countdown chain
is not in reset (see Register A). This time
period allows the system to stabilize after
OSC
+8
+64
+64
PERIODIC INTERUPT SQUARE WAVE
SELECTOR
SQUARE
WAVE OUT
POWER
SWITCH
AND
WRITE
PROTECT
BUS
INTERFACE
CLOCK/
CALENDAR
UPDATE
BCD/
BINARY
INCREMENT
REGISTERS A,B,C,D
CLOCK, CALENDAR
AND ALARM RAM
USER RAM
114 BYTES
X2
X1
GND
AS
RD#
AD0-
AD7
WR#
VBAT
VCC
CS#
CS#
SQW
IRQ#
RESET#
RCLR#
POK
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com