Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82885 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VT82885 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
VT82885
Real Time Clock
VIA Technologies, Inc.
FEATURES
• Drop-in replacement for IBM AT computer
clock/calendar.
• Pin configuration closely matches the
DS12887, DS12885and DS12885Q
• Counts seconds, minutes, hours, days,
day of the week, date, month, and year
with leap year compensation
• Binary or BCD representation of time,
calendar and alarm
• 12- or 24-hour clock with AM and PM in
12-hour mode
• Daylight Savings Time option
• Intel bus timing
• Multiplex bus for pin efficiency
• Interfaced with software as 128 RAM
locations
- 14 bytes of clock and control registers
- 114 bytes of general purpose RAM
• Programmable square wave output signal
• Bus-compatible interrupt signals (IRQ#)
• Three interrpts are separately software-
maskable and testable
- Times-of-day alarm once/second to
once/day
- Periodic rates from 122
µs to 500 ms
- End of clock update cycle
• Optional 28-pin PLCC surface mount
package
DESCRIPTION
The VT82885 Real Time Clock is designed
to be a direct replacement for the DS12885.
The VT82885 is identical in form, fit and
function to the DS12885. It has 114 bytes of
general purpose RAM. Access to this RAM
space is determined by the logic level
presented on AD6 during the address
portion of an access cycle. An external
crystal and battery are the only components
required to maintain time-of-day and
memory status in the absence of power. A
complete description of operating conditions,
electrical characteristics, bus timing and pin
descriptions follows.
PIN ASSIGNMENT
1
2
GND
3
4
5
X1
X2
AD0
AD1
24
VCC
23
22
21
20
19
18
17
SQW
NC
RCLR#
VBAT
IRQ#
RESET#
RD#
6
7
8
AD2
AD3
AD4
AD5
AD6
AD7
GND
9
10
11
12
16
15
14
13
NC
WR#
AS
CS#
VT82885 24 PIN DIP
AD0
AD1
AD2
AD3
AD4
AD5
NC
RCLR#
VBAT
IRQ#
RESET#
RD#
GND
WR#
X
2
X
1
G
N
D
N
C
V
CC
S
Q
W
N
C
A
D
6
N
C
A
D
7
G
N
D
C
S
#
A
S
N
C
1
2
7
6
3
9
8
10
13 14 15 16 17
20
21
22
23
24
27
28
25
11
19
18
4
26
5
VT82885 28-PIN PLCC
PIN DESCRIPTION
AD0-AD7
- Multiplexed Address/Data Bus
NC
- No Connection
CS#
- Chip Select
AS
- Address Strobe


Similar Part No. - VT82885

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
More results

Similar Description - VT82885

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com