Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82885 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # VT82885
Description  Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82885 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button VT82885 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82885 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
VT82885
Real Time Clock
VIA Technologies, Inc.
Pulse Width, DS/E High or
RD/WR# Low
PWEH
125
ns
Input Rise and Fall Time
tR, tF
30
ns
R/W# Hold Time
tRWH
10
ns
R/W# Setup Time
before DS/E
tRWS
50
ns
Chip Select Setup Time
before DS, WR#, or RD#
tCS
20
ns
Chip Select Hold Time
tCH
0ns
Read Data Hold Time
tDHR
10
80
ns
Write Data Hold Time
tDHW
0
Muxed Address Valid Time
to AS/ALE Fall
tASL
30
ns
Muxed Address Hold Time
tAHL
10
ns
Delay Time DS/E
to AS/ALE Rise
tASD
25
ns
Pulse Width AS/ALE High
PWASH
60
ns
Delay Time, AS/alE
to DS/E Rise
tASED
40
ns
Output Data Delay Time
from DS/E or RD#
tDDR
20
120
ns
DataSetup Time
tDSW
100
ns
Reset Pulse Width
tRWL
5
µs
IRQ# Release from DS
tIRDS
2
µs
IRQ# Release from
RESET#
tIRR
2
µs
Delay Time before Update
Cycle
tBUC
244
µs
Periodic Interrupt Time
Interval
tPI
See Table
1
Time of Update Cycle
tUC
1708
µs
NOTES
1.
All voltages are referenced to ground.
2.
All outputs are open.
3.
Applies to the AD0-AD7 pins, the IRQ#
pin and the SQW pin when each is in the
high impedence state.
4.
The IRQ# pin is open drain.
5.
Measured with a load as shown in
Figure 4.
FIGURE 4: OUTPUT LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com