Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AM13 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 6AM13 Datasheet HTML 2Page - Hitachi Semiconductor 6AM13 Datasheet HTML 3Page - Hitachi Semiconductor 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor 6AM13 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6AM13
6
50
–1.0
–20
Drain Current ID (A)
20
1.0
–0.5
–2
–10
–0.2
5
10
2
0.5
–5
VDS = 10 V
Pulse Test
Forward Transfer Admittance
vs. Drain Current
75°C
–25°C
TC = 25°C
500
–1.0
–20
Reverse Drain Current IDR (A)
200
10
–0.5
–2
–10
–0.2
50
100
20
5
–5
Body to Drain Diode Reverse
Recovery Time
di/dt = 50 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
10,000
–20
–50
Drain to Source Voltage VDS (V)
100
–10
–30
–40
1,000
Typical Capacitance vs.
Drain to Source Voltage
0
10
VGS = 0
f = 1 MHz
Crss
Coss
Ciss
0
40
100
Gate Charge Qg (nc)
Dynamic Input Characteristics
–20
–80
20
60
80
0
–60
–40
0
–4
–16
–20
–12
–8
–100
VDD = –50 V
–25 V
–10 V
–10 V
–25 V
VDD = –50 V
VDS
ID = –15 A
VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com