Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AM13 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor 6AM13 Datasheet HTML 10Page - Hitachi Semiconductor 6AM13 Datasheet HTML 11Page - Hitachi Semiconductor 6AM13 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6AM13
8
50
30
10
3
1
0.3
0.1
0.05
0.1
0.3
1
3
10
30
100
Drain to Source Voltage V
(V)
DS
DC
Operation
(Tc
=
25°C)
Ta = 25°C
Operation in this area
is limited by R
(on)
DS
10
s
µ
100
s
µ
Maximum Safe Operation Area
(N-Channel)
Typical Output Characteristics
6
Drain to Source Voltage VDS (V)
8
4
2
10
0
4
8
12
16
0
20
VGS = 2.5 V
Pulse Test
10 V
4 V
5 V
3.5 V
3.0 V
Typical Transfer Characteristics
3
Gate to Source Voltage VGS (V)
4
2
1
05
4
8
12
16
20
0
TC= 25°C
75°C
VDS = 10 V
Pulse Test
–25°C
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
6
Gate to Source Voltage VGS (V)
8
4
2
010
0.8
1.2
1.6
2.0
0
0.4
Pulse Test
ID = 5 A
20 A
10 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com