Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AM13 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  6AM13 Datasheet HTML 1Page - Hitachi Semiconductor 6AM13 Datasheet HTML 2Page - Hitachi Semiconductor 6AM13 Datasheet HTML 3Page - Hitachi Semiconductor 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6AM13
3
Electrical Characteristics (Ta = 25°C) (1 Unit)
N channel
P channel
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Drain to source
breakdown voltage
V
(BR)DSS
60
—
—
–60
—
—
V
I
D = 10 mA, VGS = 0
Gate to source
breakdown voltage
V
(BR)GSS
±20
—
—
±20
—
—
V
I
G = ±100 µA, VDS = 0
Gate to source leak
current
I
GSS
—
—
±10
—
—
±10
µA
V
GS = ±16 V, VDS = 0
Zero gate voltage drain
current
I
DSS
—
—
250
—
—
–250
µA
V
DS = 50 V, VGS = 0
Gate to source cutoff
voltage
V
GS(off)
1.0
—
2.0
–1.0
—
–2.0
V
I
D = 1 mA, VDS = 10 V
Static drain to source
R
DS(on)
—
0.06
0.075 —
0.09
0.12
Ω
I
D = 5 A, VGS = 10 V*
1
on state resistance
—
0.08
0.11
—
0.12
0.18
Ω
I
D = 5 A, VGS = 4 V*
1
Forward transfer
admittance
|y
fs|
6
9.5
—
5
8
—
S
I
D = 5 A, VDS = 10 V*
1
Input capacitance
Ciss
—
860
—
—
1400 —
pF
V
DS = 10 V, VGS = 0,
Output capacitance
Coss
—
450
—
—
720
—
pF
f = 1 MHz
Reverse transfer
capacitance
Crss
—
140
—
—
220
—
pF
Turn-on delay time
t
d(on)
—10
—
—15
—
ns
I
D = 5 A, VGS = 10 V,
Rise time
t
r
—50
—
—100
—
ns
R
L = 6 Ω
Turn-off delay time
t
d(off)
—
180
—
—
250
—
ns
Fall time
t
f
—
110
—
—
160
—
ns
Body to drain diode
forward voltage
V
DF
—
1.0
—
—
–1.0
—
V
I
F = 10 A, VGS = 0
Body to drain diode
reverse recovery time
t
rr
—
120
—
—
200
—
ns
I
F = 10 A, VGS = 0,
diF/dt = 50 A/µs
Note:
1. Pulse Test
Polarity of test conditions for P channel device is reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com