Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AM13 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  6AM13 Datasheet HTML 1Page - Hitachi Semiconductor 6AM13 Datasheet HTML 2Page - Hitachi Semiconductor 6AM13 Datasheet HTML 3Page - Hitachi Semiconductor 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
6AM13
Silicon N-Channel/P-Channel Complementary Power MOS FET
Array
ADE-208-1217 (Z)
1st. Edition
Mar. 2001
Application
High speed power switching
Features
• Low on-resistance
N-channel: R
DS(on) ≤ 0.075 , VGS
= 10 V, I
D = 5 A
P-channel: R
DS(on) ≤ 0.12 , VGS
= –10 V, I
D = –5 A
• Capable of 4 V gate drive
• Low drive current
• High speed switching
• High density mounting
• Suitable for H-bridged motor driver


Similar Part No. - 6AM13

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
6AM14 HITACHI-6AM14 Datasheet
62Kb / 7P
Silicon N-Channel/P-Channel Power MOS FET Array
6AM15 HITACHI-6AM15 Datasheet
236Kb / 14P
Silicon N/P Channel MOS FET High Speed Power Switching
More results

Similar Description - 6AM13

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
4AJ11 HITACHI-4AJ11 Datasheet
35Kb / 6P
Silicon P-Channel Power MOS FET Array
4AK15 HITACHI-4AK15 Datasheet
49Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK18 HITACHI-4AK18 Datasheet
49Kb / 9P
Silicon N-Channel Power MOS FET Array
4AK21 HITACHI-4AK21 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK22 HITACHI-4AK22 Datasheet
36Kb / 6P
Silicon N-Channel Power MOS FET Array
4AK25 HITACHI-4AK25 Datasheet
39Kb / 6P
Silicon N-Channel Power MOS FET Array
4AM11 HITACHI-4AM11 Datasheet
125Kb / 10P
Silicon N-Channel/P-Channel Power MOS FET Array
6AM14 HITACHI-6AM14 Datasheet
62Kb / 7P
Silicon N-Channel/P-Channel Power MOS FET Array
4AM15 HITACHI-4AM15 Datasheet
59Kb / 6P
Silicon N-Channel/P-Channel Power MOS FET Array
4AM13 HITACHI-4AM13 Datasheet
122Kb / 10P
Silicon N-Channel/P-Channel Power MOS FET Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com