Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6AM13 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # 6AM13
Description  Silicon N-Channel/P-Channel Complementary Power MOS FET Array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

6AM13 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button 6AM13 Datasheet HTML 4Page - Hitachi Semiconductor 6AM13 Datasheet HTML 5Page - Hitachi Semiconductor 6AM13 Datasheet HTML 6Page - Hitachi Semiconductor 6AM13 Datasheet HTML 7Page - Hitachi Semiconductor 6AM13 Datasheet HTML 8Page - Hitachi Semiconductor 6AM13 Datasheet HTML 9Page - Hitachi Semiconductor 6AM13 Datasheet HTML 10Page - Hitachi Semiconductor 6AM13 Datasheet HTML 11Page - Hitachi Semiconductor 6AM13 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6AM13
9
10
Drain Current ID (A)
20
5
2
100
0.02
0.05
0.1
0.2
0.5
1
0.01
0.005
50
Static Drain to Source on State
Resistance vs. Drain Current
VGS = 4 V
10 V
Pulse Test
80
Case Temperature TC (°C)
120
40
0
0.04
0.08
0.12
0.16
0.20
–40
0
160
Static Drain to Source on State
Resistance vs. Temperature
ID = 10 A
5 A
20 A
Pulse Test
VGS = 4 V
VGS = 10 V
10 A
5 A
Forward Transfer Admittance
vs. Drain Current
50
20
10
5
2
1.0
0.5
0.2
0.5
1.0
2
5
20
Drain Current ID (A)
10
TC = 25°C
VDS = 10 V
Pulse Test
–25°C
75°C
1000
500
200
100
50
20
10
0.5
1.0
5
50
Reverse Drain Current IDR (A)
10
2
20
Body to Drain Diode Reverse
Recovery Time
di/dt = 50 A/
µs, Ta = 25°C
VGS = 0
Pulse Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com