Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264ACVR Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC8264ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264ACVR Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC8264ACVR Datasheet HTML 3Page - Motorola, Inc MPC8264ACVR Datasheet HTML 4Page - Motorola, Inc MPC8264ACVR Datasheet HTML 5Page - Motorola, Inc MPC8264ACVR Datasheet HTML 6Page - Motorola, Inc MPC8264ACVR Datasheet HTML 7Page - Motorola, Inc MPC8264ACVR Datasheet HTML 8Page - Motorola, Inc MPC8264ACVR Datasheet HTML 9Page - Motorola, Inc MPC8264ACVR Datasheet HTML 10Page - Motorola, Inc MPC8264ACVR Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
7
Electrical and Thermal Characteristics
1.2.1
DC Electrical Characteristics
This section describes the DC electrical characteristics for the MPC826xA. Table 1 shows the maximum
electrical ratings.
Table 2 lists recommended operational voltage conditions.
NOTE: Core, PLL, and I/O Supply Voltages
VDDH, VCCSYN, and VDD must track each other and both must vary in
the same direction—in the positive direction (+5% and +0.1 Vdc) or in the
negative direction (-5% and -0.1 Vdc).
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
Table 1. Absolute Maximum Ratings1
1 Absolute maximum ratings are stress ratings only; functional operation (see Table 2) at the maximums is not
guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage.
Rating
Symbol
Value
Unit
Core supply voltage2
2 Caution: VDD/VCCSYN must not exceed VDDH by more than 0.4 V at any time, including during power-on
reset.
VDD
-0.3 – 2.5
V
PLL supply voltage2
VCCSYN
-0.3 – 2.5
V
I/O supply voltage3
3 Caution: VDDH can exceed VDD/VCCSYN by 3.3 V during power on reset by no more than 100 mSec. VDDH
should not exceed VDD/VCCSYN by more than 2.5 V during normal operation.
VDDH
-0.3 – 4.0
V
Input voltage4
4 Caution: VIN must not exceed VDDH by more than 2.5 V at any time, including during power-on reset.
VIN
GND(-0.3) – 3.6
V
Junction temperature
Tj
120
˚C
Storage temperature range
TSTG
(-55) – (+150)
˚C
Table 2. Recommended Operating Conditions1
1 Caution: These are the recommended and tested operating conditions. Proper device operating outside of these
conditions is not guaranteed.
Rating
Symbol
Value
Unit
Core supply voltage
VDD
1.7 – 1.92
2 CPU frequency less than or equal to 200 MHz.
1.7–2.13
3 CPU frequency greater than 200 MHz but less than 233 MHz.
1.9 –2.24
4 CPU frequency greater than or equal to 233 MHz.
V
PLL supply voltage
VCCSYN
1.7 – 1.92
1.7–2.13
1.9–2.24
V
I/O supply voltage
VDDH
3.135 – 3.465
V
Input voltage
VIN
GND (-0.3) – 3.465
V
Junction temperature (maximum)
Tj
1055
5 Note that for extended temperature parts the range is (-40)
TA
– 105Tj.
˚C
Ambient temperature
TA
0–705
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com