Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264ACVR Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC8264ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264ACVR Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC8264ACVR Datasheet HTML 4Page - Motorola, Inc MPC8264ACVR Datasheet HTML 5Page - Motorola, Inc MPC8264ACVR Datasheet HTML 6Page - Motorola, Inc MPC8264ACVR Datasheet HTML 7Page - Motorola, Inc MPC8264ACVR Datasheet HTML 8Page - Motorola, Inc MPC8264ACVR Datasheet HTML 9Page - Motorola, Inc MPC8264ACVR Datasheet HTML 10Page - Motorola, Inc MPC8264ACVR Datasheet HTML 11Page - Motorola, Inc MPC8264ACVR Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (either GND or VCC).
Figure 2 shows the undershoot and overshoot voltage of the 60x and local bus memory interface of the
MPC8280. Note that in PCI mode the I/O interface is different.
Figure 2. Overshoot/Undershoot Voltage
Table 3 shows DC electrical characteristics.
Table 3. DC Electrical Characteristics1
Characteristic
Symbol
Min
Max
Unit
Input high voltage, all inputs except CLKIN
VIH
2.0
3.465
V
Input low voltage
VIL
GND
0.8
V
CLKIN input high voltage
VIHC
2.4
3.465
V
CLKIN input low voltage
VILC
GND
0.4
V
Input leakage current, VIN = VDDH
2
IIN
—10
µA
Hi-Z (off state) leakage current, VIN = VDDH
2
IOZ
—10
µA
Signal low input current, VIL = 0.8 V
IL
—1
µA
Signal high input current, VIH = 2.0 V
IH
—1
µA
Output high voltage, IOH = –2 mA
except XFC, UTOPIA mode, and open drain pins
In UTOPIA mode: IOH = -8.0mA
PA[0-31]
PB[4-31]
PC[0-31]
PD[4-31]
VOH
2.4
—
V
In UTOPIA mode: IOL = 8.0mA
PA[0-31]
PB[4-31]
PC[0-31]
PD[4-31]
VOL
—
0.5
V
GND
GND – 0.3 V
GND – 1.0 V
Not to exceed 10%
GVDD
of tSDRAM_CLK
GVDD + 5%
4 V
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com