Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264ACVR Datasheet(PDF) 28 Page - Motorola, Inc

Part # MPC8264ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264ACVR Datasheet(HTML) 28 Page - Motorola, Inc

Back Button MPC8264ACVR Datasheet HTML 24Page - Motorola, Inc MPC8264ACVR Datasheet HTML 25Page - Motorola, Inc MPC8264ACVR Datasheet HTML 26Page - Motorola, Inc MPC8264ACVR Datasheet HTML 27Page - Motorola, Inc MPC8264ACVR Datasheet HTML 28Page - Motorola, Inc MPC8264ACVR Datasheet HTML 29Page - Motorola, Inc MPC8264ACVR Datasheet HTML 30Page - Motorola, Inc MPC8264ACVR Datasheet HTML 31Page - Motorola, Inc MPC8264ACVR Datasheet HTML 32Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
0011_010
66/33 MHz
2/4
133 MHz
3.5
154 MHz
3
44 MHz
0011_011
66/33 MHz
2/4
133 MHz
4
176MHz
3
44 MHz
0011_100
66/33 MHz
2/4
133 MHz
4.5
198 MHz
3
44 MHz
0100_000
66/33 MHz
3/6
200 MHz
2.5
166 MHz
3
66 MHz
0100_001
66/33 MHz
3/6
200 MHz
3
200 MHz
366 MHz
0100_010
66/33 MHz
3/6
200 MHz
3.5
233 MHz
366 MHz
0100_011
66/33 MHz
3/6
200 MHz
4
266 MHz
366 MHz
0100_100
66/33 MHz
3/6
200 MHz
4.5
300 MHz
366 MHz
0101_0005
33 MHz
5
166 MHz
2.5
166 MHz
2.5
66 MHz
0101_0015
33 MHz
5
166 MHz
3
200 MHz
2.5
66 MHz
0101_0105
33 MHz
5
166 MHz
3.5
233 MHz
2.5
66 MHz
0101_0115
33 MHz
5
166 MHz
4
266 MHz
2.5
66 MHz
0101_1005
33 MHz
5
166 MHz
4.5
300 MHz
2.5
66 MHz
0110_000
50/25 MHz
4/8
200 MHz
2.5
166 MHz
3
66 MHz
0110_001
50/25 MHz
4/8
200 MHz
3
200 MHz
3
66 MHz
0110_010
50/25 MHz
4/8
200 MHz
3.5
233 MHz
3
66 MHz
0110_011
50/25 MHz
4/8
200 MHz
4
266 MHz
3
66 MHz
0110_100
50/25 MHz
4/8
200 MHz
4.5
300 MHz
3
66 MHz
0111_000
66/33 MHz
3/6
200 MHz
2
200 MHz
2
100 MHz
0111_001
66/33 MHz
3/6
200 MHz
2.5
250 MHz
2
100 MHz
0111_010
66/33 MHz
3/6
200 MHz
3
300 MHz
2
100 MHz
0111_011
66/33 MHz
3/6
200 MHz
3.5
350 MHz
2
100 MHz
1000_000
66/33 MHz
3/6
200 MHz
2
160 MHz
2.5
80 MHz
1000_001
66/33 MHz
3/6
200 MHz
2.5
200 MHz
2.5
80 MHz
1000_010
66/33 MHz
3/6
200 MHz
3
240 MHz
2.5
80 MHz
1000_011
66/33 MHz
3/6
200 MHz
3.5
280 MHz
2.5
80 MHz
1000_100
66/33 MHz
3/6
200 MHz
4
320 MHz
2.5
80 MHz
1000_101
66/33 MHz
3/6
200 MHz
4.5
360 MHz
2.5
80 MHz
Table 18. Clock Configuration Modes in PCI Agent Mode (Continued)
MODCK_H –
MODCK[1–3]
Input Clock
Frequency
(PCI)1,2
CPM
Multiplication
Factor1
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency3
Bus Division
Factor
60x Bus
Frequency4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com