Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264ACVR Datasheet(PDF) 24 Page - Motorola, Inc

Part # MPC8264ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264ACVR Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MPC8264ACVR Datasheet HTML 20Page - Motorola, Inc MPC8264ACVR Datasheet HTML 21Page - Motorola, Inc MPC8264ACVR Datasheet HTML 22Page - Motorola, Inc MPC8264ACVR Datasheet HTML 23Page - Motorola, Inc MPC8264ACVR Datasheet HTML 24Page - Motorola, Inc MPC8264ACVR Datasheet HTML 25Page - Motorola, Inc MPC8264ACVR Datasheet HTML 26Page - Motorola, Inc MPC8264ACVR Datasheet HTML 27Page - Motorola, Inc MPC8264ACVR Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
24
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
1.3.2.1
PCI Host Mode
The frequencies listed in Table 15 and Table 16 are for the purpose of illustration only. Users must select a
mode and input bus frequency so that the resulting configuration does not exceed the frequency rating of the
user’s device.
I
Table 16 describes all possible clock configurations when using the MPC8265 or the MPC8266’s internal
PCI bridge in host mode.
Table 15. Clock Default Configurations in PCI Host Mode (MODCK_HI = 0000)
MODCK[1–3]1
1 Assumes MODCK_HI = 0000.
Input Clock
Frequency
(Bus)
CPM
Multiplication
Factor
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency
PCI Division
Factor2
2 The frequency depends on the value of PCI_MODCK. If PCI_MODCK is high (logic ‘1’), the PCI frequency is
divided by 2 (33 instead of 66 MHz, etc.) Refer to Table 14.
PCI
Frequency2
000
66 MHz
2
133 MHz
2.5
166 MHz
2/4
66/33 MHz
001
66 MHz
2
133 MHz
3
200 MHz
2/4
66/33 MHz
010
66 MHz
2.5
166 MHz
3
200 MHz
3/6
55/28 MHz
011
66 MHz
2.5
166 MHz
3.5
233 MHz
3/6
55/28 MHz
100
66 MHz
2.5
166 MHz
4
266 MHz
3/6
55/28 MHz
101
66 MHz
3
200 MHz
3
200 MHz
3/6
66/33 MHz
110
66 MHz
3
200 MHz
3.5
233 MHz
3/6
66/33 MHz
111
66 MHz
3
200 MHz
4
266 MHz
3/6
66/33 MHz
Table 16. Clock Configuration Modes in PCI Host Mode
MODCK_H –
MODCK[1–3]
Input Clock
Frequency1
(Bus)
CPM
Multiplication
Factor
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency
PCI Division
Factor2
PCI
Frequency2
0001_000
33 MHz
3
100 MHz
5
166 MHz
3/6
33/16 MHz
0001_001
33 MHz
3
100 MHz
6
200 MHz
3/6
33/16 MHz
0001_010
33 MHz
3
100 MHz
7
233 MHz
3/6
33/16 MHz
0001_011
33 MHz
3
100 MHz
8
266 MHz
3/6
33/16 MHz
0010_000
33 MHz
4
133 MHz
5
166 MHz
4/8
33/16 MHz
0010_001
33 MHz
4
133 MHz
6
200 MHz
4/8
33/16 MHz
0010_010
33 MHz
4
133 MHz
7
233 MHz
4/8
33/16 MHz
0010_011
33 MHz
4
133 MHz
8
266 MHz
4/8
33/16 MHz
0011_0003
33 MHz
5
166 MHz
5
166 MHz
5
33 MHz
0011_0013
33 MHz
5
166 MHz
6
200 MHz
5
33 MHz
0011_0103
33 MHz
5
166 MHz
7
233 MHz
5
33 MHz
0011_0113
33 MHz
5
166 MHz
8
266 MHz
5
33 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com