Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8264ACVR Datasheet(PDF) 29 Page - Motorola, Inc

Part # MPC8264ACVR
Description  MPC826xA (HiP4) Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8264ACVR Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MPC8264ACVR Datasheet HTML 25Page - Motorola, Inc MPC8264ACVR Datasheet HTML 26Page - Motorola, Inc MPC8264ACVR Datasheet HTML 27Page - Motorola, Inc MPC8264ACVR Datasheet HTML 28Page - Motorola, Inc MPC8264ACVR Datasheet HTML 29Page - Motorola, Inc MPC8264ACVR Datasheet HTML 30Page - Motorola, Inc MPC8264ACVR Datasheet HTML 31Page - Motorola, Inc MPC8264ACVR Datasheet HTML 32Page - Motorola, Inc MPC8264ACVR Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
MOTOROLA
MPC826xA (HiP4) Family Hardware Specifications
29
Pinout
1.4
Pinout
This section provides the pin assignments and pinout list for the MPC826xA.
1.4.1
Pin Assignments
Figure 13 shows the pinout of the MPC826xA’s 480 TBGA package as viewed from the top surface.
1001_000
66/33 MHz
4/8
266 MHz
2.5
166 MHz
4
66 MHz
1001_001
66/33 MHz
4/8
266 MHz
3
200 MHz
4
66 MHz
1001_010
66/33 MHz
4/8
266 MHz
3.5
233 MHz
4
66 MHz
1001_011
66/33 MHz
4/8
266 MHz
4
266 MHz
4
66 MHz
1001_100
66/33 MHz
4/8
266 MHz
4.5
300 MHz
4
66 MHz
1010_000
66/33 MHz
4/8
266 MHz
2.5
222 MHz
3
88 MHz
1010_001
66/33 MHz
4/8
266 MHz
3
266 MHz
3
88 MHz
1010_010
66/33 MHz
4/8
266 MHz
3.5
300 MHz
3
88 MHz
1010_011
66/33 MHz
4/8
266 MHz
4
350 MHz
3
88 MHz
1010_100
66/33 MHz
4/8
266 MHz
4.5
400 MHz
3
88 MHz
1011_000
66/33 MHz
4/8
266 MHz
2
212MHz
2.5
106 MHz
1011_001
66/33 MHz
4/8
266 MHz
2.5
265 MHz
2.5
106 MHz
1011_010
66/33 MHz
4/8
266 MHz
3
318 MHz
2.5
106 MHz
1011_011
66/33 MHz
4/8
266 MHz
3.5
371 MHz
2.5
106 MHz
1011_100
66/33 MHz
4/8
266 MHz
4
424 MHz
2.5
106 MHz
1 The frequency depends on the value of PCI_MODCK. If PCI_MODCK is high (logic ‘1’), the PCI frequency
is divided by 2 (33 instead of 66 MHz, etc.) and the CPM multiplication factor is multiplied by 2. Refer to
Table 14.
2 Input clock frequency is given only for the purpose of reference. User should set MODCK_H–MODCK_L so
that the resulting configuration does not exceed the frequency rating of the user’s part.
3 Core frequency = (60x bus frequency)(core multiplication factor)
4 Bus frequency = CPM frequency / bus division factor
5 In this mode, PCI_MODCK must be “1”.
Table 18. Clock Configuration Modes in PCI Agent Mode (Continued)
MODCK_H –
MODCK[1–3]
Input Clock
Frequency
(PCI)1,2
CPM
Multiplication
Factor1
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency3
Bus Division
Factor
60x Bus
Frequency4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com