Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G7921 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G7921
Description  Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G7921 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G7921 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Jan 30, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G7921
Global Mixed-mode Technology Inc.
Three Remote Temperature Sensors and One Fan
Controllers with SMBus Serial Interface and System
Reset Circuit
Features
Measures Three Remote Temperatures
Adjustable Offset for Each Sensor via SMBus
Accuracy: ±1°C (+ 60°C to + 100°C)
±3°C (- 10°C to + 120°C)
+4.5V to +5.5V Supply Range
Programmable Hardware Thermal Shutdown
for Sensor 2 and Programmable Software
Thermal Shutdown for Sensor 1, 3.
SMBus 2-Wire Serial Interface With Writting
Protection Function.
Alert Signal for Diode Fault, Fan Fail, and Fan
Out of Control
Supports SMBus Alert Response
Fan Drivers Using Linear Control Algorithm
with Built-in MOSFET
Closed Loop Speed Control and programmable
8 Bits Open Loop Voltage Control for Fan1
Wide speed control range for Fan1, Accuracy
within 2%, when SET_CNT1 > 50
Internal Current- limit and Over-temperature
Protection for the Fan
Reset Function Precision Monitoring of 5V
Power-Supply Voltage
Measure Thermal Diode with Transistor Model
Support 45nm, 65nm and 90nm CPU thermal
diode
20-Pin SSOP Package
Applications
Desktop and Notebook
Central Office Computers
Telecom Equipment
Smart Battery Packs
Industrial Controls
LAN Servers
Pin Configuration
General Description
The G7921 contains 3 precise digital thermometers,
one fan controllers, hardware and software thermal
shutdown, and a system-reset circuit.
The thermometers report the temperature of 3 remote
sensors. The remote sensors are diode-connected tran-
sistors typically a low-cost, easily mounted 2N3904 NPN
type or the diode built-in in CPU. Remote accuracy is
±1°C for multiple transistor manufacturer. The G7921
also support offset adjust function via SMBus to fix the
error due to different CPU diode or parasitic resistors.
The 2-wire serial interface accepts standard System
Management Bus (SMBusTM) Write Byte, Read Byte,
Send Byte, and Receive Byte commands. The SMBus
address is 7ah for write and 7bh for read, and sup-
ports writting protection function by command 20h to
prevent error behavior of µP.
G7921 contains one fan controllers. FAN1 controller
performs closed-loop and open-loop control. G7921
determines the current fan speed based on the FG
inputs and an externally supplied 32.768KHz clock.
The driving ability of FAN1 is 500mA. G7921 also pro-
vide ALERT for fan fail and out of control event.
The G7921 provides hardware and software thermal
shutdown. The hardware thermal shutdown is for the
sensor 2. The trigger point is set by external resistors.
The trigger points of software thermal shutdown are
set via SMBus. If thermal shutdown event occurs,
THERM
pin outputs low.
The G7921 contains a microprocessor (µP) supervi-
sory circuit used to monitor the power supplies in µP
and digital systems. Reset threshold is set to 4.38V
typical.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
G7921SF1U
G7921
-55°Cto+125°C
SSOP-20
Note: SF: SSOP-20
1: Bonding Code
U: Tape & Reel
SMBusTM is a trademark of Intel Corp.
DVCC
N.C.
SCL
DGND
SDA
ALERT
CLK
FAN1
THERM_SET
FG1
DGND
VCC
DXP1
DXN1
DXP2
SGND2
G7921
SSOP-20
13
20
19
18
17
16
15
5
6
7
8
9
10
1
4
3
2
14
RESET
THERM
11
12
DXN3
DXP3
DVCC
N.C.
SCL
DGND
SDA
ALERT
CLK
FAN1
THERM_SET
FG1
DGND
VCC
DXP1
DXN1
DXP2
SGND2
G7921
SSOP-20
13
20
19
18
17
16
15
5
6
7
8
9
10
1
4
3
2
14
RESET
THERM
11
12
DXN3
DXP3


Similar Part No. - G7921

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
More results

Similar Description - G7921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
List of Unclassifed Man...
G768B ETC-G768B Datasheet
370Kb / 15P
Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
logo
Global Mixed-mode Techn...
G771 GMT-G771 Datasheet
268Kb / 15P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
G768D GMT-G768D Datasheet
343Kb / 16P
Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G794 GMT-G794 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7951 GMT-G7951 Datasheet
35Kb / 2P
Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
G7932 GMT-G7932 Datasheet
43Kb / 1P
Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
G7923 GMT-G7923 Datasheet
34Kb / 2P
Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com