Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830P Datasheet(PDF) 21 Page - AUK corp

Part # SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Datasheet(HTML) 21 Page - AUK corp

Back Button SD6830P Datasheet HTML 17Page - AUK corp SD6830P Datasheet HTML 18Page - AUK corp SD6830P Datasheet HTML 19Page - AUK corp SD6830P Datasheet HTML 20Page - AUK corp SD6830P Datasheet HTML 21Page - AUK corp SD6830P Datasheet HTML 22Page - AUK corp SD6830P Datasheet HTML 23Page - AUK corp SD6830P Datasheet HTML 24Page - AUK corp SD6830P Datasheet HTML 25Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
KSI-W002-000
21
CALL addr
Binary code : 010100xx
xxxxxxxx
Syntax
:
[<label>] CALL addr
Operation
: (SK1) ← (SK0), (SK0) ← (PC) + 1, (PC) ← addr, addr = 000 ~ 3FF
( addr must be hexadecimal number )
Flags
: CY: Unaffected
SF: Unaffected
Words/Cycles : 2/2
Description
: Calls a subroutine located at the indicated address and pushes the
current contents of the program counter to the top of stack. The
indicated address can be anywhere in the full 1Kbyte memory space.
Example
: CALL
2FF
; Call subroutine located at the 2FF.
The 2FF must be logical address.
CLRB @HL.b
Binary code : 010110xx
Syntax
: [<label>] CLRB @HL.b
Operation
: M[(HL)].b ← 0
Flags
: CY: Unaffected
SF: Unaffected
Words/Cycles : 1/1
Description
: Clears the specified bit of data memory addressed by registers H and L
to zero.
Example
: CLRB H
; Clear H to 0
LDL
10
; Load 10 to L. The 10 must be decimal number.
CLRB @HL.0
; Clear the bit 0 of M[(0A)] to 0.
CLRB CY
Binary code : 00001000
Syntax
: [<label>] CLRB CY
Operation
: (CY) ← 0
Flags
: CY: Set to zero
SF: Unaffected
Words/Cycles: 1/1
Description
: Clears the carry flag to zero.
Example
:
CLRB CY ; Clear CY to zero
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com