Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830P Datasheet(PDF) 32 Page - AUK corp

Part # SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Datasheet(HTML) 32 Page - AUK corp

Back Button SD6830P Datasheet HTML 26Page - AUK corp SD6830P Datasheet HTML 27Page - AUK corp SD6830P Datasheet HTML 28Page - AUK corp SD6830P Datasheet HTML 29Page - AUK corp SD6830P Datasheet HTML 30Page - AUK corp SD6830P Datasheet HTML 31Page - AUK corp SD6830P Datasheet HTML 32Page - AUK corp SD6830P Datasheet HTML 33Page - AUK corp SD6830P Datasheet HTML 34Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
KSI-W002-000
32
STA @HL
Binary code
:
00101001
Syntax
:
[<label>] STA @HL
Operation
:
M[(HL)] ← (A)
Flags
:
CY : Unaffected
SF : Unaffected
Words/Cycles
:
1/1
Description
:
Stores the contents of accumulator in memory addressed by registers
H and L.
Example
:
LDL
0
; Load 0 to L
SETB
H
; Set H to one
STA @HL ; Stores the contents of A in M[(10)]
STA @HL+
Binary code
:
00101000
Syntax
:
[<label>] STA @HL+
Operation
:
M[(HL)] ← (A), (L) ← (L) + 1
Flags
:
CY : Unaffected
SF : Unaffected
Words/Cycles
:
1/1
Description
:
Stores the contents of accumulator in memory addressed by registers
H and L. And then the contents of register L are incremented by one.
Example
:
LDL
15
; Load 15 to L
SETB
H
; Set H to one
STA
@HL+
; Stores the contents of A in M[(1F)]. L becomes
JMP
035
; It is skipped because L is “0”
JMP
045
; Jump to 045
STA B
Binary code
:
00011110
Syntax
:
[<label>] STA B
Operation
:
(B) ← (A)
Flags
:
CY : Unaffected
SF : Unaffected
Words/Cycles
:
1/1
Description
:
Stores the contents of accumulator in the register B.
Example
:
STA
B
; Stores the contents of A in B
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com