Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830P Datasheet(PDF) 12 Page - AUK corp

Part # SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Datasheet(HTML) 12 Page - AUK corp

Back Button SD6830P Datasheet HTML 8Page - AUK corp SD6830P Datasheet HTML 9Page - AUK corp SD6830P Datasheet HTML 10Page - AUK corp SD6830P Datasheet HTML 11Page - AUK corp SD6830P Datasheet HTML 12Page - AUK corp SD6830P Datasheet HTML 13Page - AUK corp SD6830P Datasheet HTML 14Page - AUK corp SD6830P Datasheet HTML 15Page - AUK corp SD6830P Datasheet HTML 16Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
KSI-W002-000
12
6.11 Watchdog timer (WDT)
The watchdog timer provides the means to return to a reset condition when a system
malfunction occurs and the program enters an infinite loop caused by noise or any
abnormal state.
Also this timer have a function of oscillation stabilization timer. This is a 13-bit counter,
counts the clock which is divided twelve (F
SYS/12). In the stop mode the oscillation circuit
stops but when a key input is detected (Port D, Port E) oscillation starts. When 12288 clock
cycles have been counted, the program will be executed from reset address (000H). If the
port C data register’s value does not change from “L” to “H” before the timer counts 98304
clock cycles, a device reset condition is generated.
The oscillator stabilization time : 12/F
SYS * 2
10 = 1/F
SYS * 12288 = 27mS (@455KHz)
The time-out period
: 12/F
SYS * 2
13 = 1/F
SYS * 98304 = 216mS (@455KHz)
Figure 6-4. Function of Watchdog Timer
SD6830
Watchdog Timer (13-bit)
CLK
RESET
OPSTART
Operating Start
Fsys/12
Power-on Reset Active
Stop Mode Active
PORT C Data : Low to High Transition
OVERFLOW
To Reset Logic
OSCOUT
27mS(Min.)
Normal
mode
Stop
mode
Normal
mode
STOP
Instruction
Watchdog Timer
Overflow
PORT C Data
Low to High
WDT
counting value
98304
12288
Time
PC
0
PORT C Data
Low to High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com