Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD6830P Datasheet(PDF) 13 Page - AUK corp

Part # SD6830P
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P Datasheet(HTML) 13 Page - AUK corp

Back Button SD6830P Datasheet HTML 9Page - AUK corp SD6830P Datasheet HTML 10Page - AUK corp SD6830P Datasheet HTML 11Page - AUK corp SD6830P Datasheet HTML 12Page - AUK corp SD6830P Datasheet HTML 13Page - AUK corp SD6830P Datasheet HTML 14Page - AUK corp SD6830P Datasheet HTML 15Page - AUK corp SD6830P Datasheet HTML 16Page - AUK corp SD6830P Datasheet HTML 17Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
KSI-W002-000
13
6.12 Power-on reset
The SD6830 incorporates an on-chip power-on reset circuitry which provides internal chip
reset for most power-up situations. The power-on reset circuit and the watchdog timer are
closely related. On power-up the power-on reset circuit is active and watchdog timer is
reset. After the reset time, which is in proportion to the rate of rise of VDD, watchdog timer
begins counting. After the oscillator stabilization time, which is typically 27mS in
F
SYS=455KHz, program execution proceeds from reset address (000H).
Figure 6-5. Built-in Power-on Reset
6.13 Stop mode
The SD6830 support the stop mode to reduce power consumption. This mode is entered
when the STOP instruction is executed during key inputs are not active. Activating any key
inputs (Port D, Port E) the device is awakened from stop mode and restarts to operate from
reset address. When the device is released from stop mode, following module
set to appropriate value in reset routine: PORT G and PORT K.
In stop mode, the oscillator is stopped and the each port state is as follows.
Port C/REM become inactive state. (
for including I.R.LED driver,
after the reset release)
Port G and Port K retain previous state.
SD6830
VDD
VSS
Internal
/POR
DMC6830
7pF
2Mohm
RESET TIME
1.8V
0.3VDD
VDD
VDD PIN
Internal
/POR
0
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com